Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8352ACPZ-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8352ACPZ-R2
Description  2 GHz, Ultralow Distortion, Differential RF/IF Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8352ACPZ-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8352ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8352ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8352ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8352ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8352ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8352ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8352ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8352ACPZ-R2 Datasheet HTML 14Page - Analog Devices AD8352ACPZ-R2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Data Sheet
AD8352
Rev. C | Page 11 of 19
APPLICATIONS INFORMATION
GAIN AND DISTORTION ADJUSTMENT
(DIFFERENTIAL INPUT)
Table 5 and Table 6 show the required value of RG for the gains
specified at 200 Ω and 1 kΩ loads. Figure 22 and Figure 24 plot
gain vs. RG up to 18 dB for both load conditions. For other output
loads (RL), use Equation 1 to compute gain vs. RG.
L
L
G
G
al
Differenti
V
R
R
R
R
A


+
+
+
+
=
430
53)
(
5)
(
500
(1)
where
RL is the single-ended load.
RG is the gain setting resistor.
The third-order harmonic distortion can be reduced by using
external components RD and CD. Table 5 and Table 6 show the
required values for RD and CD for the specified gains to achieve
(single tone) third-order distortion reduction at 180 MHz.
Figure 23 and Figure 25 show any gain (up to 18 dB) vs. CD for
200 Ω and 1 kΩ loads, respectively. When these values are selected,
they result in minimum single tone, third-order distortion at
180 MHz. This frequency point provides the best overall broad-
band distortion for the specified frequencies below and above
this value. For applications above ~300 MHz, CD and RD are
not required. See the Specifications section and the third-order
harmonic plots for more details (see Figure 12, Figure 14, and
Figure 15).
CD can be further optimized for narrow-band tuning requirements
below 180 MHz that result in relatively lower third-order (in-
band) intermodulation distortion terms. See the Narrow-Band,
Third-Order Intermodulation Cancellation section for more
information. Though not shown, single tone, third-order
optimization can also be improved for narrow-band frequency
applications below 180 MHz with the proper selection of CD,
and 3 dB to 6 dB of relative third-order improvement can be
realized at frequencies below approximately 140 MHz.
Using the information listed in Table 5 and Table 6, an extrapolated
value for RD can be determined for loads between 200 Ω and 1 kΩ.
For loads above 1 kΩ, use the 1 kΩ RD values listed in Table 6.
Table 5. Broadband Selection of RG, CD, and RD, 200 Ω Load
AV (dB)
RG (Ω)
CD (pF)
RD (kΩ)
3
390
Open
6.8
6
220
Open
4.3
9
140
0.1
4.3
10
115
0.2
4.3
12
86
0.3
4.3
15
56
0.6
4.3
18
35
1
4.3
Table 6. Broadband Selection of RG, CD, and RD, 1 kΩ Load
AV (dB)
RG (Ω)
CD (pF)
RD (kΩ)
3
750
Open
6.8
6
360
Open
6.8
9
210
Open
6.8
10
180
0.05
6.8
12
130
0.1
6.8
15
82
0.3
6.8
18
54
0.5
6.8
20
0
0
400
RG (Ω)
18
16
14
12
10
8
6
4
2
100
200
300
50
150
250
350
Figure 22. Gain vs. RG, RL = 200 Ω
20
0
0
CD (pF)
18
16
14
12
10
8
6
4
2
0.2
0.4
0.6
0.8
1.0
0.1
0.3
0.5
0.7
0.9
Figure 23. Gain vs. CD, RL = 200 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com