Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5536ARKZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADL5536ARKZ-R7
Description  20 MHz to 1.0 GHz IF Gain Block
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5536ARKZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADL5536ARKZ-R7 Datasheet HTML 1Page - Analog Devices ADL5536ARKZ-R7 Datasheet HTML 2Page - Analog Devices ADL5536ARKZ-R7 Datasheet HTML 3Page - Analog Devices ADL5536ARKZ-R7 Datasheet HTML 4Page - Analog Devices ADL5536ARKZ-R7 Datasheet HTML 5Page - Analog Devices ADL5536ARKZ-R7 Datasheet HTML 6Page - Analog Devices ADL5536ARKZ-R7 Datasheet HTML 7Page - Analog Devices ADL5536ARKZ-R7 Datasheet HTML 8Page - Analog Devices ADL5536ARKZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Data Sheet
ADL5536
Rev. B | Page 5 of 14
TYPICAL SCATTERING PARAMETERS (S-PARAMETERS)
VCC = 5 V, TA = 25°C, and the effects of the test fixture have been de-embedded up to the pins of the device.
Table 2.
Frequency
(MHz)
S11
S21
S12
S22
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
20
−14.53
−120.58
20.45
171.91
−22.63
+7.79
−16.26
−139.94
70
−19.07
−156.59
20.01
172.48
−22.66
+0.45
−16.29
−164.26
120
−19.61
−160.48
19.91
169.98
−22.65
−1.59
−16.26
−166.95
190
−19.62
−159.92
19.84
165.55
−22.64
−3.78
−16.06
−165.90
240
−19.43
−157.66
19.77
162.37
−22.63
−5.22
−15.84
−164.33
290
−19.04
−155.64
19.74
159.05
−22.62
−6.64
−15.58
−162.72
340
−18.78
−153.97
19.65
155.59
−22.62
−7.93
−15.28
−161.62
390
−18.37
−150.66
19.54
152.48
−22.59
−9.34
−14.97
−159.87
440
−17.83
−149.87
19.50
149.29
−22.57
−10.74
−14.53
−158.25
490
−17.32
−149.82
19.41
146.05
−22.61
−12.05
−14.14
−158.63
540
−16.88
−149.59
19.34
142.73
−22.61
−13.36
−13.80
−158.50
590
−16.51
−148.73
19.22
139.62
−22.59
−14.66
−13.47
−158.24
640
−16.06
−148.92
19.14
136.53
−22.59
−16.00
−13.12
−158.50
690
−15.72
−149.26
19.04
133.27
−22.59
−17.30
−12.80
−158.89
740
−15.37
−149.29
18.92
130.33
−22.58
−18.61
−12.51
−159.33
790
−15.04
−149.83
18.82
127.22
−22.57
−19.92
−12.23
−159.94
840
−14.73
−150.32
18.70
124.22
−22.57
−21.26
−11.96
−160.63
900
−14.35
−150.94
18.57
120.78
−22.56
−22.85
−11.65
−161.64
950
−14.10
−151.64
18.44
117.74
−22.56
−24.21
−11.42
−162.56
1000
−13.83
−152.27
18.32
115.01
−22.56
−25.53
−11.19
−163.52
1050
−13.59
−153.23
18.21
112.08
−22.55
−26.89
−10.99
−164.55
1100
−13.38
−153.86
18.06
109.34
−22.56
−28.24
−10.80
−165.66
1150
−13.16
−154.76
17.96
106.63
−22.55
−29.58
−10.63
−166.70
1200
−12.99
−155.57
17.82
103.80
−22.55
−30.95
−10.47
−167.80
1250
−12.77
−156.33
17.69
101.33
−22.54
−32.33
−10.30
−168.91
1300
−12.61
−157.32
17.57
98.53
−22.55
−33.74
−10.16
−170.07
1350
−12.44
−158.19
17.44
95.98
−22.56
−35.12
−10.03
−171.34
1400
−12.30
−159.08
17.32
93.44
−22.57
−36.43
−9.92
−172.44
1450
−12.17
−159.85
17.19
90.86
−22.56
−37.74
−9.81
−173.47
1500
−12.01
−160.65
17.06
88.41
−22.56
−39.12
−9.70
−174.66
1550
−11.89
−161.57
16.95
85.90
−22.56
−40.49
−9.59
−175.76



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com