Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5536ARKZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5536ARKZ-R7
Description  20 MHz to 1.0 GHz IF Gain Block
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5536ARKZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL5536ARKZ-R7 Datasheet HTML 1Page - Analog Devices ADL5536ARKZ-R7 Datasheet HTML 2Page - Analog Devices ADL5536ARKZ-R7 Datasheet HTML 3Page - Analog Devices ADL5536ARKZ-R7 Datasheet HTML 4Page - Analog Devices ADL5536ARKZ-R7 Datasheet HTML 5Page - Analog Devices ADL5536ARKZ-R7 Datasheet HTML 6Page - Analog Devices ADL5536ARKZ-R7 Datasheet HTML 7Page - Analog Devices ADL5536ARKZ-R7 Datasheet HTML 8Page - Analog Devices ADL5536ARKZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
20 MHz to 1.0 GHz IF Gain Block
Data Sheet
ADL5536
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2010–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Fixed gain of 20 dB
Operation from 20 MHz to 1.0 GHz
Input and output internally matched to 50 Ω
Integrated bias control circuit
OIP3
45.0 dBm at 190 MHz
49.0 dBm at 380 MHz
Noise figure
2.6 dB at 190 MHz
2.7 dB at 380 MHz
P1dB of 19.6 dBm at 190 MHz
Single 5 V power supply
Low quiescent current of 105 mA
MSL-1 rated SOT-89 package
ESD rating of ±2 kV (Class 2)
Pin-compatible with the 16 dB gain ADL5535
FUNCTIONAL BLOCK DIAGRAM
RFIN
GND
RFOUT
1
2
BIAS
3
GND
ADL5536
(2)
Figure 1.
GENERAL DESCRIPTION
The ADL5536 is a 20 dB linear amplifier that operates at
frequencies up to 1 GHz. The device can be used in a wide
variety of cellular, CATV, military, and instrumentation
equipment.
The ADL5536 provides the highest dynamic range available
from an internally matched IF gain block. This is accomplished
by providing extremely low noise figures and very high OIP3
specifications simultaneously across the entire 1 GHz frequency
range. The ADL5536 also provides extremely flat gain and P1dB
over frequency, which are stable over temperature, power supply,
and from device to device.
The device is internally matched to 50 Ω at the input and output,
making the ADL5536 very easy to implement in a wide variety
of applications. Only input/output ac coupling capacitors, power
supply decoupling capacitors, and an external inductor are
required for operation.
The ADL5536 is fabricated on a GaAs HBT process and has an
ESD rating of ±2 kV (Class 2). The device is assembled in an
MSL-1 rated SOT-89 package that uses an exposed paddle for
excellent thermal impedance.
The ADL5536 consumes only 105 mA on a single 5 V supply
and is fully specified for operation from −40°C to +85°C.
The ADL5536 is also pin-compatible with the 16 dB gain
ADL5535. Fully populated evaluation boards are available
for each amplifier.


Similar Part No. - ADL5536ARKZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5536ARKZ-R7 AD-ADL5536ARKZ-R7 Datasheet
307Kb / 16P
20 MHz to 1.0 GHz IF Gain Block
REV. 0
More results

Similar Description - ADL5536ARKZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5534 AD-ADL5534 Datasheet
366Kb / 9P
20 MHz to 500 MHz IF Gain Block
May-2007
ADL5531 AD-ADL5531 Datasheet
321Kb / 12P
20 MHz to 500 MHz IF Gain Block
8/07-Revision 0
ADL5601 AD-ADL5601 Datasheet
348Kb / 16P
50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5536 AD-ADL5536 Datasheet
307Kb / 16P
20 MHz to 1.0 GHz IF Gain Block
REV. 0
ADL5535 AD-ADL5535 Datasheet
387Kb / 16P
20 MHz to 1.0 GHz IF Gain Block
REV. 0
ADL5611 AD-ADL5611 Datasheet
239Kb / 8P
30 MHz to 6 GHz RF/IF Gain Block
Rev. PrA
ADL5544 AD-ADL5544 Datasheet
418Kb / 20P
30 MHz to 6 GHz RF/IF Gain Block
REV. 0
ADL5610 AD-ADL5610 Datasheet
339Kb / 16P
30 MHz to 6 GHz RF/IF Gain Block
REV. A
ADL5531 AD-ADL5531_15 Datasheet
252Kb / 12P
20 MHz to 500 MHz IF Gain Block
REV. B
ADL5531 AD-ADL5531_17 Datasheet
371Kb / 12P
20 MHz to 500 MHz IF Gain Block
Aug-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com