Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5536ARKZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADL5536ARKZ-R7
Description  20 MHz to 1.0 GHz IF Gain Block
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5536ARKZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL5536ARKZ-R7 Datasheet HTML 4Page - Analog Devices ADL5536ARKZ-R7 Datasheet HTML 5Page - Analog Devices ADL5536ARKZ-R7 Datasheet HTML 6Page - Analog Devices ADL5536ARKZ-R7 Datasheet HTML 7Page - Analog Devices ADL5536ARKZ-R7 Datasheet HTML 8Page - Analog Devices ADL5536ARKZ-R7 Datasheet HTML 9Page - Analog Devices ADL5536ARKZ-R7 Datasheet HTML 10Page - Analog Devices ADL5536ARKZ-R7 Datasheet HTML 11Page - Analog Devices ADL5536ARKZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
ADL5536
Data Sheet
Rev. B | Page 8 of 14
TYPICAL PERFORMANCE CHARACTERISTICS
0
5
10
15
20
25
30
35
40
45
50
0
100
200
300
400
500
600
700
800
900
1000
FREQUENCY (MHz)
P1dB
GAIN
OIP3
NF
Figure 3. Noise Figure, Gain, P1dB, and OIP3 vs. Frequency
0
100
200
300
400
500
600
700
800
900
1000
FREQUENCY (MHz)
–40°C
+85°C
17.0
17.5
18.0
18.5
19.0
19.5
20.0
20.5
21.0
+25°C
Figure 4. Gain vs. Frequency and Temperature
–26
–24
–22
–20
–18
–16
–14
–12
–10
–8
–6
0
100
200
300
400
500
600
700
800
900
1000
FREQUENCY (MHz)
S12
S22
S11
Figure 5. Input Return Loss (S11), Output Return Loss (S22), and
Reverse Isolation (S12) vs. Frequency
36
38
40
42
44
46
48
50
52
54
0
100
200
300
400
500
600
700
800
900
1000
FREQUENCY (MHz)
+25°C
+25°C
–40°C
–40°C
+85°C
+85°C
16.6
17.0
17.4
17.8
18.2
18.6
19.0
19.4
19.8
20.2
Figure 6. P1dB and OIP3 vs. Frequency and Temperature
–4
–2
0
2
4
6
8
10
12
14
POUT PER TONE (dBm)
748MHz
900MHz
1000MHz
70MHz
190MHz
380MHz
20MHz
30
32
34
36
38
40
42
44
46
48
50
Figure 7. OIP3 vs. Output Power (POUT) and Frequency
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
4.2
0
100
200
300
400
500
600
700
800
900
1000
FREQUENCY (MHz)
+25°C
+85°C
–40°C
Figure 8. Noise Figure vs. Frequency and Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com