Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321C Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT45DB321C
Description  32 MEGABIT 2.7 VOLT DATAFLASH
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321C Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT45DB321C Datasheet HTML 4Page - ATMEL Corporation AT45DB321C Datasheet HTML 5Page - ATMEL Corporation AT45DB321C Datasheet HTML 6Page - ATMEL Corporation AT45DB321C Datasheet HTML 7Page - ATMEL Corporation AT45DB321C Datasheet HTML 8Page - ATMEL Corporation AT45DB321C Datasheet HTML 9Page - ATMEL Corporation AT45DB321C Datasheet HTML 10Page - ATMEL Corporation AT45DB321C Datasheet HTML 11Page - ATMEL Corporation AT45DB321C Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
8
AT45DB321C [Preliminary]
3387B–DFLSH–9/04
Sector Protection
Two protection methods, hardware and software controlled, are provided. The selection
of which sectors to be protected/unprotected from program and erase operations is
defined in the Sector Protection Register.
SOFTWARE SECTOR PROTECTION: Sectors specified for protection in the Sector
Protection Register can be protected from program and erase operations by issuing the
Enable Sector Protection command. To enable the sector protection using the software
controlled method, the CS pin must first be asserted as it would be with any other com-
mand. Once the CS pin has been asserted, the appropriate 4-byte command sequence
must be clocked in via the input pin (SI). After the last bit of the command sequence has
been clocked in, the CS pin must be deasserted after which the sector protection will be
enabled.
To disable the sector protection using the software controlled method, the CS pin must
first be asserted as it would be with any other command. Once the CS pin has been
asserted, the appropriate 4-byte sequence for the Disable Sector Protection command
must be clocked in via the input pin (SI). After the last bit of the command sequence has
been clocked in, the CS pin must be deasserted after which the sector protection will be
disabled. The Disable Sector Protection command is ignored while the WP pin is
asserted.
Software Sector Protection is useful in applications in which the WP pin is not or cannot
be controlled by a host processor. In such instances, the WP pin may be left floating (the
WP pin is pulled high internally) and sector protection can be controlled using the soft-
ware commands.
If the device is power cycled, then the Software Sector Protection will be disabled. Once
the device is powered up, the Enable Sector Protection command should be reissued if
sector protection is desired and if the WP pin is not used. The RESET pin has no effect
on the Software Sector Protection.
HARDWARE SECTOR PROTECTION: Sectors specified for protection in Sector Pro-
tection Register can be protected from program and erase operations by utilizing the
Write Protection (WP) pin. The protection can be enabled by asserting the WP pin and
keeping the pin in its asserted state. Any sector specified for protection cannot be
erased or reprogrammed as long as the WP pin is asserted. The protection can be dis-
abled by deasserting the WP pin high. A filter is provided on the WP pin to help protect
against spurious noise on the WP pin. Hardware Sector Protection will provide continu-
ous protection, based on the contents of the Sector Protection Register, in an
application where WP is always driven low. Please read the description of the WP pin on
page 13 for more information.
SECTOR PROTECTION REGISTER: Sector Protection Register is a nonvolatile regis-
ter that contains 16 bytes of data, as shown below:
Command
Byte 1
Byte 2
Byte 3
Byte 4
Enable Sector Protection
3DH
2AH
7FH
A9H
Disable Sector Protection
3DH
2AH
7FH
9AH
Read Sector Protection Register
32H
00H
00H
00H
Sector Number
0 (0a, 0b)
1 to 15
Protected
See Below
FFH
Unprotected
00H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com