Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321C Datasheet(PDF) 15 Page - ATMEL Corporation

Part # AT45DB321C
Description  32 MEGABIT 2.7 VOLT DATAFLASH
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321C Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button AT45DB321C Datasheet HTML 11Page - ATMEL Corporation AT45DB321C Datasheet HTML 12Page - ATMEL Corporation AT45DB321C Datasheet HTML 13Page - ATMEL Corporation AT45DB321C Datasheet HTML 14Page - ATMEL Corporation AT45DB321C Datasheet HTML 15Page - ATMEL Corporation AT45DB321C Datasheet HTML 16Page - ATMEL Corporation AT45DB321C Datasheet HTML 17Page - ATMEL Corporation AT45DB321C Datasheet HTML 18Page - ATMEL Corporation AT45DB321C Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
15
AT45DB321C [Preliminary]
3387B–DFLSH–9/04
Power-on/Reset State When power is first applied to the device, or when recovering from a reset condition, the
device will default to Mode 3. In addition, the output pin (SO) will be in a high impedance
state, and a high-to-low transition on the CS pin will be required to start a valid instruc-
tion. The mode (Mode 3 or Mode 0) will be automatically selected on every falling edge
of CS by sampling the inactive clock state. After power is applied and V
CC is at the mini-
mum datasheet value, the system should wait 20 ms before an operational mode
(DataFlash) is started.
System
Considerations
The RapidS serial interface is controlled by the serial clock SCK, serial input SI and chip
select CS pins. These signals must rise and fall monotonically and be free from noise.
Excessive noise or ringing on these pins can be misinterpreted as multiple edges and
cause improper operation of the device. The PC board traces must be kept to a mini-
mum distance or appropriately terminated to ensure proper operation. If necessary,
decoupling capacitors can be added on these pins to provide filtering against noise
glitches.
As system complexity continues to increase, voltage regulation is becoming more
important. A key element of any voltage regulation scheme is its current sourcing capa-
bility. Like all Flash memories, the peak current for DataFlash occur during the
programming and erase operation. The regulator needs to supply this peak current
requirement. An under specified regulator can cause current starvation. Besides
increasing system noise, current starvation during programming or erase can lead to
improper operation and possible data corruption.
For applications that require random modifications of data within a sector, please refer
to “Auto Page Rewrite” on page 6.
It is recommended that the RDY/BUSY bit of status register or the RDY/BUSY pin be
monitored in order to minimize the erase and programming time.
Atmel C generation DataFlash utilizes a sophisticated adaptive algorithm during erase
and programming to maximize the endurance over the life of the device. The algorithm
uses a verification mechanism to check if the memory cells have been erased or pro-
grammed successfully. If the memory cells were not erased or programmed, the
algorithm loops back and erases or programs the memory cells again. The process will
continue until the device is erased or programmed successfully.
The erase and programming operations are internally self-timed and fixed timing is not
recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com