Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321C Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT45DB321C
Description  32 MEGABIT 2.7 VOLT DATAFLASH
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321C Datasheet(HTML) 2 Page - ATMEL Corporation

  AT45DB321C Datasheet HTML 1Page - ATMEL Corporation AT45DB321C Datasheet HTML 2Page - ATMEL Corporation AT45DB321C Datasheet HTML 3Page - ATMEL Corporation AT45DB321C Datasheet HTML 4Page - ATMEL Corporation AT45DB321C Datasheet HTML 5Page - ATMEL Corporation AT45DB321C Datasheet HTML 6Page - ATMEL Corporation AT45DB321C Datasheet HTML 7Page - ATMEL Corporation AT45DB321C Datasheet HTML 8Page - ATMEL Corporation AT45DB321C Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
2
AT45DB321C [Preliminary]
3387B–DFLSH–9/04
Its 34,603,008 bits of memory are organized as 8192 pages of 528 bytes each. In addi-
tion to the 33-megabit main memory, the AT45DB321C also contains two SRAM
buffers of 528 bytes each.
The buffers allow the receiving of data while a page in the main page Memory is being
reprogrammed, as well as writing a continuous data stream. EEPROM emulation (bit or
byte alterability) is easily handled with a self-contained three step read-modify-write
operation. Unlike conventional Flash memories that are accessed randomly with multi-
ple address lines and a parallel interface, the DataFlash uses a RapidS serial interface
to sequentially access its data. The simple sequential access dramatically reduces
active pin count, facilitates hardware layout, increases system reliability, minimizes
switching noise, and reduces package size. The device is optimized for use in many
commercial and industrial applications where high-density, low-pin count, low-voltage
and low-power are essential. The device operates at clock frequencies up to 40 MHz
with a typical active read current consumption of 10 mA.
To allow for simple in-system reprogrammability, the AT45DB321C does not require
high input voltages for programming. The device operates from a single power supply,
2.7V to 3.6V, for both the program and read operations. The AT45DB321C is enabled
through the chip select pin (CS) and accessed via a three-wire interface consisting of
the Serial Input (SI), Serial Output (SO), and the Serial Clock (SCK).
All programming and erase cycles are self-timed.
Block Diagram
Memory Array
To provide optimal flexibility, the memory array of the AT45DB321C is divided into three
levels of granularity comprising of sectors, blocks, and pages. The “Memory Architec-
ture Diagram” illustrates the breakdown of each level and details the number of pages
per sector and block. All program operations to the DataFlash occur on a page by page
basis. The erase operations can be performed at the block or page level.
FLASH MEMORY ARRAY
PAGE (528 BYTES)
BUFFER 2 (528 BYTES)
BUFFER 1 (528 BYTES)
I/O INTERFACE
SCK
CS
RESET
VCC
GND
RDY/BUSY
WP
SO
SI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com