Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5610ARKZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADL5610ARKZ-R7
Description  RF/IF Gain Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5610ARKZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADL5610ARKZ-R7 Datasheet HTML 1Page - Analog Devices ADL5610ARKZ-R7 Datasheet HTML 2Page - Analog Devices ADL5610ARKZ-R7 Datasheet HTML 3Page - Analog Devices ADL5610ARKZ-R7 Datasheet HTML 4Page - Analog Devices ADL5610ARKZ-R7 Datasheet HTML 5Page - Analog Devices ADL5610ARKZ-R7 Datasheet HTML 6Page - Analog Devices ADL5610ARKZ-R7 Datasheet HTML 7Page - Analog Devices ADL5610ARKZ-R7 Datasheet HTML 8Page - Analog Devices ADL5610ARKZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
ADL5610
Rev. B | Page 5 of 16
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
POWER INTERFACE
Supply Voltage
VPOS
4.75
5
5.25
V
Supply Current
92
118
mA
vs. Temperature
−40°C ≤ TA ≤ +105°C
−6/+14
mA
Power Dissipation
460
mW
1 Noise figure specified includes printed circuit board (PCB) traces losses.
TYPICAL SCATTERING PARAMETERS (S-PARAMETERS)
VPOS = 5 V and TA = 25°C.
Table 2.
Frequency
(MHz)
S11
S21
S12
S22
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
30
−19.575
−21.758
18.186
+167.401
−23.536
+0.034
−12.040
−154.592
50
−13.194
+17.280
+16.748
+158.342
−24.873
−11.954
−8.336
−158.609
100
−8.023
−17.286
+13.552
+168.911
−27.865
−5.368
−5.677
−189.790
200
−10.635
−67.774
+16.801
+171.154
−24.787
−2.040
−8.176
−225.737
300
−13.978
−93.402
+17.960
+154.322
−23.679
−16.582
−10.953
−237.962
400
−16.890
−111.950
+18.355
+138.243
−23.336
−29.568
−12.818
−242.287
500
−14.057
−140.270
+18.204
−229.198
−23.467
−33.884
−10.083
+104.308
600
−15.303
−160.894
+18.339
−243.615
−23.322
−45.046
−10.629
+98.947
700
−17.025
−180.268
+18.416
−258.515
−23.214
−56.945
−11.317
+95.056
800
−18.532
−198.771
+18.434
−272.822
−23.143
−68.374
−11.700
+91.300
900
−19.926
−216.383
+18.425
−286.779
−23.102
−79.290
−11.891
+87.191
1000
−21.266
−233.373
+18.401
−300.434
−23.099
−90.132
−11.967
+82.648
1100
−22.659
−248.512
+18.366
−313.941
−23.071
−100.705
−11.951
+77.917
1200
−24.210
−262.937
+18.320
−327.244
−23.068
−111.189
−11.897
+72.400
1300
−26.057
−274.666
+18.272
−340.437
−23.063
−121.632
−11.812
+66.929
1400
−28.536
−282.527
+18.220
−353.552
−23.065
−131.946
−11.702
+61.131
1500
−31.933
−279.454
+18.166
−366.576
−23.063
−142.239
−11.599
+55.505
1600
−34.750
−255.300
+18.106
−379.548
−23.067
−152.499
−11.467
+49.533
1700
−32.172
−220.241
+18.046
−392.387
−23.070
−162.725
−11.381
+43.914
1800
−27.781
−211.620
+17.977
−405.225
−23.085
−173.046
−11.275
+38.152
1900
−24.468
−218.185
+17.916
−418.174
−23.047
−183.266
−11.132
+32.216
2000
−21.613
−222.836
+17.843
−430.638
−23.111
−193.454
−11.136
+27.227
2100
−19.342
−232.483
+17.783
−443.294
−23.127
−203.629
−11.017
+21.933
2200
−17.343
−243.288
+17.740
−455.878
−23.141
−213.605
−10.826
+16.768
2300
−15.863
−253.959
+17.682
−468.509
−23.139
−223.746
−10.670
+10.889
2400
−14.592
−264.759
+17.629
−481.088
−23.129
−233.823
−10.488
+4.907
2500
−13.521
−275.854
+17.583
−493.684
−23.123
−243.825
−10.295
−1.461
2600
−12.680
−286.432
+17.533
−506.169
−23.114
−254.026
−10.160
−8.539
2700
−11.965
−296.744
+17.494
−518.608
−23.122
−264.148
−10.022
−15.582
2800
−11.364
−307.385
+17.466
−531.068
−23.105
−274.109
−9.909
−23.543
2900
−10.983
−318.098
+17.441
−543.539
−23.013
−284.190
−9.885
−32.338
3000
−10.683
−328.063
+17.448
−555.886
−22.967
−294.664
−9.958
−41.038
3100
−10.470
−338.914
+17.468
−568.495
−22.910
−304.790
−10.016
−50.760
3200
−10.377
−349.594
+17.503
−581.114
−22.848
−315.180
−10.207
−61.042
3300
−10.454
−360.106
+17.556
−593.755
−22.757
−325.637
−10.506
−72.485
3400
−10.733
−371.185
+17.609
−606.730
−22.674
−336.157
−10.842
−85.064
3500
−11.222
−381.299
+17.683
−619.682
−22.581
−346.908
−11.291
−98.903



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com