Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5610ARKZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5610ARKZ-R7
Description  RF/IF Gain Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5610ARKZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5610ARKZ-R7 Datasheet HTML 8Page - Analog Devices ADL5610ARKZ-R7 Datasheet HTML 9Page - Analog Devices ADL5610ARKZ-R7 Datasheet HTML 10Page - Analog Devices ADL5610ARKZ-R7 Datasheet HTML 11Page - Analog Devices ADL5610ARKZ-R7 Datasheet HTML 12Page - Analog Devices ADL5610ARKZ-R7 Datasheet HTML 13Page - Analog Devices ADL5610ARKZ-R7 Datasheet HTML 14Page - Analog Devices ADL5610ARKZ-R7 Datasheet HTML 15Page - Analog Devices ADL5610ARKZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet
ADL5610
Rev. B | Page 13 of 16
APPLICATIONS INFORMATION
BASIC CONNECTIONS
Figure 26 shows the basic connections for operating the ADL5610.
The device supports operation from 30 MHz to 6 GHz. However,
for optimal performance at lower frequency bands, the board
configuration must be adjusted. Table 6 lists the recommended
board configuration to operate the device at various frequency
bands.
Figure 26. Basic Connections
A 5 V dc bias is supplied to the amplifier through the bias inductor
connected to RFOUT (Pin 3). Decouple the bias voltage using
68 pF, 1.2 nF, and 1 µF power supply decoupling capacitors. The
typical current consumption for the ADL5610 is 92 mA.
At low frequencies, the device exhibits improved performance
with the suggested setup configuration listed in Table 6. Figure 27
and Figure 28 provide a comparison of the performance of the
device at the 30 MHz to 500 MHz band when driven with the
optimal setup configuration and the default setup configuration.
Figure 27. Noise Figure, Gain, P1dB, and OIP3 vs. Frequency,
30 MHz to 500 MHz, Comparison of Performance
with the Optimized Settings and the Default Configuration
Figure 28. Output Return Loss (S22), Input Return Loss (S11), and
Reverse Isolation (S12), 30 MHz to 500 MHz, Comparison of Performance
with the Optimized Settings and the Default Configuration
Table 6. Recommended Components for Basic Connections
Frequency Band
AC Coupling Capacitors (0402)
DC Bias Inductor (0603HP)
C1 (nF)
C2 (nF)
L1 (nH)
500 MHz to 6 GHz
100
100
43
30 MHz to 500 MHz
100
100
1000
1
2
(2)
3
ADL5610
L1
VPOS
GND
RFIN
C1
RFOUT
C2
C6
1µF
C5
1.2nF
C4
68pF
0
5
10
15
20
25
30
35
40
45
0
50
100
150
200
250
300
350
400
450
500
FREQUENCY (MHz)
GAIN (dB), DEFAULT SETUP CONFIGURATION
GAIN (dB), LOW FREQUENCY CONFIGURATION
OIP3 (dBm), DEFAULT SETUP CONFIGURATION
OIP3 (dBm), LOW FREQUENCY CONFIGURATION
P1dB (dBm), DEFAULT SETUP CONFIGURATION
P1dB (dBm), LOW FREQUENCY CONFIGURATION
NOISE FIGURE (dB), DEFAULT SETUP CONFIGURATION
NOISE FIGURE (dB), LOW FREQUENCY CONFIGURATION
–35
–30
–25
–20
–15
–10
–5
0
0
50
100
150
200
250
300
350
400
450
500
FREQUENCY (MHz)
S12, DEFAULT SETUP CONFIGURATION
S12, LOW FREQUENCY CONFIGURATION
S11, DEFAULT SETUP CONFIGURATION
S22, DEFAULT SETUP CONFIGURATION
S11, LOW FREQUENCY CONFIGURATION
S22, LOW FREQUENCY CONFIGURATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com