Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5610ARKZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADL5610ARKZ-R7
Description  RF/IF Gain Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5610ARKZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADL5610ARKZ-R7 Datasheet HTML 6Page - Analog Devices ADL5610ARKZ-R7 Datasheet HTML 7Page - Analog Devices ADL5610ARKZ-R7 Datasheet HTML 8Page - Analog Devices ADL5610ARKZ-R7 Datasheet HTML 9Page - Analog Devices ADL5610ARKZ-R7 Datasheet HTML 10Page - Analog Devices ADL5610ARKZ-R7 Datasheet HTML 11Page - Analog Devices ADL5610ARKZ-R7 Datasheet HTML 12Page - Analog Devices ADL5610ARKZ-R7 Datasheet HTML 13Page - Analog Devices ADL5610ARKZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADL5610
Data Sheet
Rev. B | Page 10 of 16
30 MHz TO 500 MHz FREQUENCY BAND
Figure 9. Noise Figure, Gain, P1dB, and OIP3 vs. Frequency,
Low Frequency Configuration
Figure 10. Gain vs. Frequency and Temperature,
Low Frequency Configuration
Figure 11. OIP3 and P1dB vs. Frequency and Temperature,
Low Frequency Configuration
Figure 12. OIP3 vs. Output Power (POUT) and Frequency,
Low Frequency Configuration
Figure 13. Output Return Loss (S22), Input Return Loss (S11), and
Reverse Isolation (S12) vs. Frequency, Low Frequency Configuration
Figure 14. Noise Figure vs. Frequency and Temperature,
Low Frequency Configuration
0
5
10
15
20
25
30
35
40
45
0
50
100
150
200
250
300
350
400
450
500
FREQUENCY (MHz)
NOISE FIGURE (dB)
GAIN (dB)
OIP3 (dBm)
P1dB (dBm)
0
5
10
15
20
25
0
50
100
150
200
250
300
350
400
450
500
FREQUENCY (MHz)
+105°C
+25°C
+85°C
–40°C
0
5
10
15
20
25
30
35
40
45
0
5
10
15
20
25
30
35
40
45
0
50
100
150
200
250
300
350
400
450
500
FREQUENCY (MHz)
+105°C
+25°C +85°C
–40°C
15
20
25
30
35
40
45
–4
–2
0
2
4
6
POUT PER TONE (dBm)
30MHz
140MHz
350MHz
–35
–30
–25
–20
–15
–10
–5
0
0
50
100
150
200
250
300
350
400
450
500
FREQUENCY (MHz)
S22
S11
S12
0
1
2
3
4
5
6
7
8
0
50
100
150
200
250
300
350
400
450
500
FREQUENC Y (MHz)
+105°C
+85°C
+25°C
–40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com