Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THC63LVDR84C Datasheet(PDF) 15 Page - THine Electronics, Inc.

Part # THC63LVDR84C
Description  24bit Color LVDS Receiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THC63LVDR84C Datasheet(HTML) 15 Page - THine Electronics, Inc.

Back Button THC63LVDR84C Datasheet HTML 7Page - THine Electronics, Inc. THC63LVDR84C Datasheet HTML 8Page - THine Electronics, Inc. THC63LVDR84C Datasheet HTML 9Page - THine Electronics, Inc. THC63LVDR84C Datasheet HTML 10Page - THine Electronics, Inc. THC63LVDR84C Datasheet HTML 11Page - THine Electronics, Inc. THC63LVDR84C Datasheet HTML 12Page - THine Electronics, Inc. THC63LVDR84C Datasheet HTML 13Page - THine Electronics, Inc. THC63LVDR84C Datasheet HTML 14Page - THine Electronics, Inc. THC63LVDR84C Datasheet HTML 15Page - THine Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
THC63LVDR84C_Rev.1.20_E
Copyright©2016 THine Electronics, Inc.
15
THine Electronics, Inc.
Security E
Notices and Requests
1.
The product specifications described in this material are subject to change without prior notice.
2.
The circuit diagrams described in this material are examples of the application which may not always apply
to the customer's design. We are not responsible for possible errors and omissions in this material. Please
note if errors or omissions should be found in this material, we may not be able to correct them immediately.
3.
This material contains our copyright, know-how or other proprietary. Copying or disclosing to third parties
the contents of this material without our prior permission is prohibited.
4.
Note that if infringement of any third party's industrial ownership should occur by using this product, we
will be exempted from the responsibility unless it directly relates to the production process or functions of
the product.
5. Product Application
5.1 Application of this product is intended for and limited to the following applications: audio-video
device, office automation device, communication device, consumer electronics, smartphone, feature
phone, and amusement machine device. This product must not be used for applications that require
extremely high-reliability/safety such as aerospace device, traffic device, transportation device, nuclear
power control device, combustion chamber device, medical device related to critical care, or any kind
of safety device.
5.2
This product is not intended to be used as an automotive part, unless the product is specified as a
product conforming to the demands and specifications of ISO/TS16949 ("the Specified Product") in
this data sheet. THine Electronics, Inc. (“THine”) accepts no liability whatsoever for any product other
than the Specified Product for it not conforming to the aforementioned demands and specifications.
5.3
THine accepts liability for demands and specifications of the Specified Product only to the extent
that the user and THine have been previously and explicitly agreed to each other.
6.
Despite our utmost efforts to improve the quality and reliability of the product, faults will occur with a
certain small probability, which is inevitable to a semi-conductor product. Therefore, you are encouraged to
have sufficiently redundant or error preventive design applied to the use of the product so as not to have our
product cause any social or public damage.
7.
Please note that this product is not designed to be radiation-proof.
8.
Testing and other quality control techniques are used to this product to the extent THine deems
necessary to support warranty for performance of this product. Except where mandated by applicable
law or deemed necessary by THine based on the user’s request, testing of all functions and
performance of the product is not necessarily performed.
9.
Customers are asked, if required, to judge by themselves if this product falls under the category of strategic
goods under the Foreign Exchange and Foreign Trade Control Law.
10. The product or peripheral parts may be damaged by a surge in voltage over the absolute maximum ratings or
malfunction, if pins of the product are shorted by such as foreign substance. The damages may cause a
smoking and ignition. Therefore, you are encouraged to implement safety measures by adding protection
devices, such as fuses.
THine Electronics, Inc.
sales@thine.co.jp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com