Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THC63LVDR84C Datasheet(PDF) 1 Page - THine Electronics, Inc.

Part # THC63LVDR84C
Description  24bit Color LVDS Receiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THC63LVDR84C Datasheet(HTML) 1 Page - THine Electronics, Inc.

  THC63LVDR84C Datasheet HTML 1Page - THine Electronics, Inc. THC63LVDR84C Datasheet HTML 2Page - THine Electronics, Inc. THC63LVDR84C Datasheet HTML 3Page - THine Electronics, Inc. THC63LVDR84C Datasheet HTML 4Page - THine Electronics, Inc. THC63LVDR84C Datasheet HTML 5Page - THine Electronics, Inc. THC63LVDR84C Datasheet HTML 6Page - THine Electronics, Inc. THC63LVDR84C Datasheet HTML 7Page - THine Electronics, Inc. THC63LVDR84C Datasheet HTML 8Page - THine Electronics, Inc. THC63LVDR84C Datasheet HTML 9Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
THC63LVDR84C_Rev.1.20_E
Copyright©2016 THine Electronics, Inc.
1
THine Electronics, Inc.
Security E
THC63LVDR84C
24bit Color LVDS Receiver (Rising Edge Strobe Output)
General Description
The THC63LVDR84C receiver supports wide
temperature range as -40 to +85C, and wide
frequency range as 8 to 112MHz.
The THC63LVDR84C converts the four LVDS data
streams back into 24bits of LVCMOS data with
Rising edge clock.
At a transmit clock frequency of
112MHz, 24bits of RGB data and 4bits of timing and
control data (HSYNC, VSYNC, DE, etc.) are
transmitted at an effective rate of 3.1Gbps.
Application
・Medium and Small Size Panel
・Security Camera
・Multi Function Printer
・Machine Vision (Frame Grabber Board)
・Medical Equipment Monitor
Features
・1:7 LVDS to LVCMOS Deserializer
・Operating Temperature Range : -40 to +85C
・No Special Start-up Sequence Required
・Spread Spectrum Clocking Tolerant up to 100kHz
Frequency Modulation and +/-2.5% Deviations
・Pixel Clock Range: 8 to 112MHz
・56pin TSSOP Package
・Power Down Mode
・Rising Edge Strobe Output
・EU RoHS Compliant
Recommended LVDS Transmitter ICs
・THC63LVDM83D
・THC63LVDM87
Block Diagram
PLL
RA +/-
RB +/-
RC +/-
RD +/-
/PDWN
7
LVDS Inputs
(56 to 784Mbps/ch)
RA0-6
CLKOUT
(8 to 112MHz)
LVCMOS Outputs
THC63LVDR84C
RB0-6
RC0-6
RD0-6
RCLK +/-
(8 to 112MHz)
7
7
7
Figure 1. Block Diagram


Similar Part No. - THC63LVDR84C

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THC63LVDR84C THINE-THC63LVDR84C Datasheet
534Kb / 16P
24bit Color LVDS Receiver (Rising Edge Strobe Output)
More results

Similar Description - THC63LVDR84C

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THC63LVDF84B THINE-THC63LVDF84B Datasheet
159Kb / 10P
LVDS 24Bit/18Bit COLOR HOST-LCD PANEL INTERFACE RECEIVER
THC63LVDM83E THINE-THC63LVDM83E Datasheet
333Kb / 13P
SMALL PACKAGE / 24Bit COLOR LVDS TRANSMITTER
THC63LVDF84C THINE-THC63LVDF84C Datasheet
470Kb / 14P
24bit Color LVDS Receiver (Falling Edge Strobe Output)
THC63LVDM83D THINE-THC63LVDM83D_16 Datasheet
2Mb / 18P
24bit COLOR LVDS TRANSMITTER
THC63LVDR84B THINE-THC63LVDR84B_15 Datasheet
227Kb / 11P
LVDS 24Bit COLOR HOST-LCD PANEL INTERFACE RECEIVER (Rising Edge Clock)
THC63LVDR84C THINE-THC63LVDR84C Datasheet
534Kb / 16P
24bit Color LVDS Receiver (Rising Edge Strobe Output)
THC63LVDF84B THINE-THC63LVDF84B_16 Datasheet
1Mb / 16P
24bit COLOR LVDS RECEIVER (Falling Edge Clock)
THC36LVD827-Q THINE-THC36LVD827-Q Datasheet
941Kb / 19P
24Bit COLOR LVDS TRANSMITTER
THC63LVDF84B5S THINE-THC63LVDF84B5S Datasheet
77Kb / 10P
LVDS 24Bit COLOR HOST-LCD PANEL INTERFACE RECEIVER(Falling Edge Clock)
THC63LVDM83D THINE-THC63LVDM83D_17 Datasheet
668Kb / 17P
24bit COLOR LVDS TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com