Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THC63LVDR84C Datasheet(PDF) 3 Page - THine Electronics, Inc.

Part # THC63LVDR84C
Description  24bit Color LVDS Receiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THC63LVDR84C Datasheet(HTML) 3 Page - THine Electronics, Inc.

  THC63LVDR84C Datasheet HTML 1Page - THine Electronics, Inc. THC63LVDR84C Datasheet HTML 2Page - THine Electronics, Inc. THC63LVDR84C Datasheet HTML 3Page - THine Electronics, Inc. THC63LVDR84C Datasheet HTML 4Page - THine Electronics, Inc. THC63LVDR84C Datasheet HTML 5Page - THine Electronics, Inc. THC63LVDR84C Datasheet HTML 6Page - THine Electronics, Inc. THC63LVDR84C Datasheet HTML 7Page - THine Electronics, Inc. THC63LVDR84C Datasheet HTML 8Page - THine Electronics, Inc. THC63LVDR84C Datasheet HTML 9Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
THC63LVDR84C_Rev.1.20_E
Copyright©2016 THine Electronics, Inc.
3
THine Electronics, Inc.
Security E
Absolute Maximum Ratings
Parameter
Min
Max
Unit
Supply Voltage (VCC, LVDS VCC, PLL VCC)
-0.3
+4.0
V
LVCMOS Input Voltage
-0.3
VCC + 0.3
V
LVCMOS Output Voltage
-0.3
VCC + 0.3
V
LVDS Input Pin
-0.3
VCC + 0.3
V
Junction Temperature
-
+125
C
Storage Temperature
-55
+150
C
Reflow Peak Temperature
-
+260
C
Reflow Peak Temperature Time
-
10
sec
Maximum Power Dissipation @+25
C
-
1.9
W
Table 2. Absolute Maximum Ratings
Recommended Operating Conditions
Symbol
Parameter
Min
Typ
Max
Unit
VCC33
All Supply Voltage(VCC, LVDS VCC, PLL VCC)
3.0
-
3.6
V
Ta
Operating Ambient Temperature
-40
+25
+85
C
PCLK
RCLK and CLKOUT Clock Frequency
8
-
112
MHz
Table 3. Recommended Operating Conditions
“Absolute Maximum Ratings” are those values beyond which the safety of the device can not be guaranteed.
They are not meant to imply that the device should be operated at these limits. The tables of “Electrical
Characteristics Table4, 5, 6, 7” specify conditions for device operation.
“Absolute Maximum Rating” value also includes behavior of overshooting and undershooting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com