Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3393EF Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP3393EF
Description  Step-Up,8-String, External Transistor White LED Driver Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3393EF Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP3393EF Datasheet HTML 1Page - Monolithic Power Systems MP3393EF Datasheet HTML 2Page - Monolithic Power Systems MP3393EF Datasheet HTML 3Page - Monolithic Power Systems MP3393EF Datasheet HTML 4Page - Monolithic Power Systems MP3393EF Datasheet HTML 5Page - Monolithic Power Systems MP3393EF Datasheet HTML 6Page - Monolithic Power Systems MP3393EF Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
EV3393-F-00A – STEP-UP 8-STRING WHITE LED DRIVER EVALUATION BOARD
EV3393-F-00A Rev. 1.01
www.MonolithicPower.com
3
5/7/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
EV3393-F-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer
Part Number
1
C1
220μF
Electrolytic
Capacitor, 35V
DIP
江海
CD110-35V220
1
C2
4.7μF
Ceramic Capacitor,
50V, X7R
1210
Murata
GRM32ER71H475KA88L
2
C3, C6
NC
1210
2
C4, C5
2.2µF
Ceramic Capacitor,
100V, X7R
1210
Murata
GRM32ER72A225KA35L
1
C7
220μF
Electrolytic
Capacitor, 63V
DIP
Panasonic
EEU-FC1J221X
1
C14
NC
0603
1
C9
4.7nF
Ceramic Capacitor,
50V, X7R
0603
Murata
GRM188R71H472KA01D
1
C10
100pF
Ceramic Capacitor,
50V, COG
0603
Murata
GRM1885C1H101JA01
1
C11
0.47μF
Ceramic Capacitor,
25V, X7R
0603
Murata
GRM188R71EH474LKA1
2
1
C12
1μF
Ceramic Capacitor,
25V, X7R
0603
Murata
GRM188R71E105KA12
2
C13, C8
470pF
Ceramic Capacitor,
50V, COG
0603
Murata
GRM1885C1H471JA01
2
D1, D2
Diode Schottky, 60V,
3A
SMA
Diodes Inc
B360
1
F1
0Ω
Fuse, 4A, 63V
1206
Cooper
Bussman
CC12H4A
1
L1
47µH
Inductor,6.8A
SMD
Wurth
74435574700
1
M1
P- channel MOSFET
SO8
Analog Power
AM4499P
1
M2
N- channel MOSFET
TO-263
Vishay
SUM110N15-1XP
8
Q1-Q8
PNP,
Transistor,-
100V,-5A
SOT223
Zetex
FZT953TA
1
R2
357kΩ
Resistor, 1%
0603
Yageo
RC0603FR-07357KL
1
R10
NC
0603
11
R3, R4,
R6, R9,
R12, R16,
R21, R25,
R30, R33,
R36
0Ω
Resistor, 1%
0603
Yageo
RC0603JR-070RL
2
R5, R8
10kΩ
Resistor, 1%
0603
Yageo
RC0603FR-0710KL
1
R11
300Ω
Resistor, 1%
0603
Yageo
RC0603FR-07300RL
1
R13
0.05Ω
Current Resistor, 1%
2512
CYNTEC
RL3264-6-R050-FN
1
R14
0.1Ω
Current Resistor, 1%
2512
CYNTEC
RL3264-6-R100-FN



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com