Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3393EF Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3393EF
Description  Step-Up,8-String, External Transistor White LED Driver Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3393EF Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3393EF Datasheet HTML 1Page - Monolithic Power Systems MP3393EF Datasheet HTML 2Page - Monolithic Power Systems MP3393EF Datasheet HTML 3Page - Monolithic Power Systems MP3393EF Datasheet HTML 4Page - Monolithic Power Systems MP3393EF Datasheet HTML 5Page - Monolithic Power Systems MP3393EF Datasheet HTML 6Page - Monolithic Power Systems MP3393EF Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
EV3393-F-00A
Step-Up,8-String, External Transistor
White LED Driver Evaluation Board
EV3393-F-00A Rev. 1.01
www.MonolithicPower.com
1
5/7/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV3393-F-00A is an evaluation board for
the MP3393, a step-up controller with 8-channel
external-transistor current sources.
The MP3393 uses current mode, fixed frequency
architecture. It drives an external MOSFET to
boost up the output voltage from 9V to 32V input
supply. The switching frequency is programmable
by an external setting resistor.
The MP3393 integrates the constant current
control circuit to regulate the current in each LED
string to the value set by an external current
feedback resistor. And the current matching can
achieve 1.2% regulation accuracy between
strings. Its low 202mV regulation voltage on LED
current sources reduces power loss and
improves efficiency.
The EV3393-F-00A is a fully assembled and
tested PCB. It generates a 1.6A (200mA/string,
8 strings) output current at LED load from a 12V
to 30V input range. Switching frequency is set
at 160kHz.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input Voltage
VIN
12 – 30
V
Output Voltage
VOUT
>VIN
V
Output Current
IOUT
200*8
mA
FEATURES
• 9V to 32V Input Voltage Range
• Drive 8 Channels LED strings
• Internal Constant Current Control
• Maximum Channel Current Over 350mA
• 1.2% Current Matching Accuracy Between
Strings
• Programmable Switching Frequency
• Analog Dimming and External PWM
Dimming
• Open and Short LED Protection
• Programmable Over-voltage Protection
• Fault Flag Output
• Thermal Shutdown
• Extendable LED Channels with Share One
Set of Power Stage
• 28-pin TSSOP and 28-pin SOIC Packages
APPLICATIONS
• Desktop LCD Flat Panel Displays
• Flat Panel Video Displays
• LCD TVs and Monitors
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.
EV3393-F-00A EVALUATION BOARD
(L x W x H)
(13.1cm x 8.7cm x 1.0cm)
Board Number
MPS IC Number
EV3393-F-00A
MP3393EF
VIN (V)
Efficiency vs. VIN
0.80
0.82
0.84
0.86
0.88
0.90
0.92
0.94
0.96
0.98
1.00
10
15
20
25
30


Similar Part No. - MP3393EF

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3393EF MPS-MP3393EF Datasheet
518Kb / 19P
8-String Step-Up White LED Driver with External Transistor
More results

Similar Description - MP3393EF

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3388S MPS-MP3388S Datasheet
477Kb / 15P
50V, 8-String, Step-Up, White LED Driver
MP3393 MPS-MP3393 Datasheet
518Kb / 19P
8-String Step-Up White LED Driver with External Transistor
MP3394 MPS-MP3394 Datasheet
401Kb / 17P
Step-up, 4-String Max 200mA/String White LED Driver
MP3394S MPS-MP3394S Datasheet
425Kb / 17P
Step-Up, 4-String Max 200mA/String White LED Driver
MP3397 MPS-MP3397 Datasheet
396Kb / 16P
Step-Up, 4-String Max 350mA/String White LED Driver
EV3391EY00A MPS-EV3391EY00A Datasheet
192Kb / 7P
8 String White LED Driver Evaluation Board
EV3310EQ-00A MPS-EV3310EQ-00A Datasheet
161Kb / 4P
1.3A Step-up White LED Driver Evaluation Board
EV3386DR-00A MPS-EV3386DR-00A Datasheet
214Kb / 4P
6 string White LED Driver Evaluation Board
EV3388EY-00A MPS-EV3388EY-00A Datasheet
232Kb / 4P
8 string White LED Driver Evaluation Board
EV3391EF-00A MPS-EV3391EF-00A Datasheet
204Kb / 7P
8 String White LED Driver Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com