Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3393EF Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP3393EF
Description  Step-Up,8-String, External Transistor White LED Driver Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3393EF Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP3393EF Datasheet HTML 1Page - Monolithic Power Systems MP3393EF Datasheet HTML 2Page - Monolithic Power Systems MP3393EF Datasheet HTML 3Page - Monolithic Power Systems MP3393EF Datasheet HTML 4Page - Monolithic Power Systems MP3393EF Datasheet HTML 5Page - Monolithic Power Systems MP3393EF Datasheet HTML 6Page - Monolithic Power Systems MP3393EF Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
EV3393-F-00A – STEP-UP 8-STRING WHITE LED DRIVER EVALUATION BOARD
EV3393-F-00A Rev. 1.01
www.MonolithicPower.com
4
5/7/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
EV3393-F-00A BILL OF MATERIALS (continued)
Qty
Ref
Value
Description
Package
Manufacturer
Part Number
8
R15, R20,
R29, R32,
R35, R40,
R24, R38
1Ω
Resistor, 1%
1206
Yageo
RC1206FR-071RL
1
R1
100Ω
Resistor, 5%
1206
Yageo
RC1206JR-07100RL
9
R7, R17,
R22, R26,
R31, R34,
R37, R39,
R41
10Ω
Resistor, 1%
0603
Yageo
RC0603FR-0710RL
1
R18
100kΩ
Resistor, 1%
0603
Yageo
RC0603FR-07100KL
2
R19,R27
2kΩ
Resistor, 1%
0603
Yageo
RC0603FR-072KL
2
R23,R28
20kΩ
Resistor, 1%
0603
Yageo
RC0603FR-0720KL
1
U1
LED Driver IC
TSSOP2
MPS
MP3393EF R1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com