Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3398TGF Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP3398TGF
Description  4 strings, 80V Return Voltage WLED Driver Evaluation Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3398TGF Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP3398TGF Datasheet HTML 1Page - Monolithic Power Systems MP3398TGF Datasheet HTML 2Page - Monolithic Power Systems MP3398TGF Datasheet HTML 3Page - Monolithic Power Systems MP3398TGF Datasheet HTML 4Page - Monolithic Power Systems MP3398TGF Datasheet HTML 5Page - Monolithic Power Systems MP3398TGF Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MPS
CONFIDENTIAL
DO
NO
T DISTRI
BUTE
EV3398T-F-00A 4 STRINGS 80V WLED CONTROLLER
EV3398T-F-00A Rev.1.0
www.MonolithicPower.com
2
1/12/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
EV3398T-F-00A EVALUATION BOARD
(L x W x H) 7.75cm x 4.88cm x 1.1cm
Board Number
MPS IC Number
EV3398T-F-00A
MP3398TGF
EVALUATION BOARD SCHEMATIC
10
R3
NC
R1
0
R9
VIN
GND
EN
PWM-DIM
4.7uF/50V
C4
NC
C5
220uF/35V
C1
F1
33uH/5.5A
L1
B290
1
2
D1
NC
C7
2.2uF/100V
C2
22uF/100V
C6
2.2uF/100V
C3
316k
R2
10k
R4
100pF
C8
LED
LED1
LED2
LED3
LED4
0
R12
0
R13
0
R15
10
R5
2k
R16
100k
R14
182k
R10
2k
R8
100k
R11
0.47uF
C9
1
2
270
R7
470nF
C10
0.05
R6
13V-33V
20S 4P 120mA/string
NC
C11
165k
R17
NC
C13
0
R19
NC
C14
2k
R18
100pF
C15
ISET
6
PWM
16
OSC
8
EN
9
COMP
15
VCC
12
VIN
13
LED4
5
LED3
4
LED2
2
LED1
1
OVP
7
GND
3
ISENSE
10
GATE
11
TM
14
U1
MP3398TGF
4
1, 2, 3
5, 6, 7, 8
M1
NC
C12
NC
C16



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com