Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3398TGF Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3398TGF
Description  4 strings, 80V Return Voltage WLED Driver Evaluation Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3398TGF Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3398TGF Datasheet HTML 1Page - Monolithic Power Systems MP3398TGF Datasheet HTML 2Page - Monolithic Power Systems MP3398TGF Datasheet HTML 3Page - Monolithic Power Systems MP3398TGF Datasheet HTML 4Page - Monolithic Power Systems MP3398TGF Datasheet HTML 5Page - Monolithic Power Systems MP3398TGF Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MPS
CONFIDENTIAL
DO
NO
T DISTRI
BUTE
EV3398T-F-00A
4 strings, 80V Return Voltage WLED Driver
Evaluation Board
EV3398T-F-00A Rev.1.0
www.MonolithicPower.com
1
1/12/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP3398T is a step-up controller with 4
current channels, which is designed to drive
WLED
arrays
for
large-size
LCD-panel
backlighting applications. It is able to expand
the number of LED channels with two or more
ICs in parallel sharing a single power source.
The MP3398T uses peak-current mode with a
fixed switching frequency. The frequency is
programmable through an external setting
resistor. The MP3398T drives an external
MOSFET to boost up the output voltage from a
4.5V to 33V input supply. It regulates the
current in each LED string to the value set by
an external current-setting resistor.
The MP3398T applies 4 internal current
sources for current balance. The current
matching can achieve 2% regulation accuracy
between strings. Its low regulation voltage on
LED current sources reduces power loss.
The MP3398T supports direct PWM dimming.
In addition, rich protection modes are integrated
including
OCP,
OTP,
UVP,
OVP,
LED
short/open
protection,
inductor/diode
short
protection.
The MP3398T is available in a TSSOP-16EP
package.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input
Voltage
VIN
13 – 33
V
LEDs #
4 LED strings
20 LEDs/string
LED Current
ILED
120/string
mA
FEATURES
• 4-String, Max 400mA/String WLED Driver
• 4.5V to 33V Input Voltage Range
• 80V Abs. Rating for Each String
• 2% Current Matching Accuracy Between
Each String
• PWM Dimming
• Cascading Capability with a Single Power
Source
• LED Open and Short LED Protection
• Programmable Recoverable Over Voltage
Protection
• 0.2V Latch-off OCP Protection Threshold.
• Recoverable thermal Shutdown Protection
• TSSOP-16EP Package
APPLICATIONS
• Desktop LCD Flat Panel Displays
• All in one
• 2D/3D LCD TVs
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.


Similar Part No. - MP3398TGF

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3398A MPS-MP3398A Datasheet
1,022Kb / 20P
Step up, 4 strings, Max. 350mA/string Analog and PWM dimming, White LED Controller
MP3398AGF MPS-MP3398AGF Datasheet
1,022Kb / 20P
Step up, 4 strings, Max. 350mA/string Analog and PWM dimming, White LED Controller
MP3398AGS MPS-MP3398AGS Datasheet
1,022Kb / 20P
Step up, 4 strings, Max. 350mA/string Analog and PWM dimming, White LED Controller
MP3398AGS MPS-MP3398AGS Datasheet
591Kb / 6P
4 strings 350mA White LED Driver Evaluation Board
MP3398AGY MPS-MP3398AGY Datasheet
1,022Kb / 20P
Step up, 4 strings, Max. 350mA/string Analog and PWM dimming, White LED Controller
More results

Similar Description - MP3398TGF

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV6001DN-00D MPS-EV6001DN-00D Datasheet
251Kb / 6P
WLED Driver Evaluation Board
EV3394EF-00A MPS-EV3394EF-00A Datasheet
199Kb / 5P
4 strings 120mA White LED Driver Evaluation Board
EV3394ES-00A MPS-EV3394ES-00A Datasheet
181Kb / 5P
4 strings 120mA White LED Driver Evaluation Board
EV3394S-S-00A MPS-EV3394S-S-00A Datasheet
289Kb / 6P
4 strings 120mA White LED Driver Evaluation Board
EV3398A-S-00A MPS-EV3398A-S-00A Datasheet
591Kb / 6P
4 strings 350mA White LED Driver Evaluation Board
EV3398E-F-00A MPS-EV3398E-F-00A Datasheet
392Kb / 6P
4 strings WLED Controller With 80V Return Evaluation Board
EV3398E-U-00A MPS-EV3398E-U-00A Datasheet
757Kb / 6P
4 strings WLED Controller With 80V Return Evaluation Board
EV3399EY-00A MPS-EV3399EY-00A Datasheet
260Kb / 5P
24 strings White LED Driver Evaluation Board
EV3388DR-00A MPS-EV3388DR-00A Datasheet
157Kb / 4P
8 strings White LED Driver Evaluation Board
EV3388DR-01A MPS-EV3388DR-01A Datasheet
374Kb / 6P
8 strings White LED Driver Evaluation Board
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com