Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3398TGF Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP3398TGF
Description  4 strings, 80V Return Voltage WLED Driver Evaluation Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3398TGF Datasheet(HTML) 6 Page - Monolithic Power Systems

  MP3398TGF Datasheet HTML 1Page - Monolithic Power Systems MP3398TGF Datasheet HTML 2Page - Monolithic Power Systems MP3398TGF Datasheet HTML 3Page - Monolithic Power Systems MP3398TGF Datasheet HTML 4Page - Monolithic Power Systems MP3398TGF Datasheet HTML 5Page - Monolithic Power Systems MP3398TGF Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MPS
CONFIDENTIAL
DO
NO
T DISTRI
BUTE
EV3398T-F-00A 4 STRINGS 80V WLED CONTROLLER
NOTICE:
The information in this document is subject to change without notice. Users should warrant and guarantee that third
party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not
assume any legal responsibility for any said applications.
EV3398T-F-00A Rev. 1.0
www.MonolithicPower.com
6
1/12/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
QUICK START GUIDE
1. Connect the positive and negative terminals of the load panel (20 white LEDs in series, 4 stings)
to the LED+ and LED1~4 pins on the EV board, respectively.
2. Connect the positive and negative terminals of the power supply (13V ~ 33V) to the VIN and
GND pins on the EV board, respectively.
3. Drive EN pin high (5V) to enable the MP3398T.
4. For PWM dimming, apply a PWM rectangular waveform with a minimum voltage less than 0.4V
and a maximum greater than 1.5V on PWM-DIM pin. The frequency of the PWM signal is
recommended between 200Hz to 2kHz.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com