Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM2887 Datasheet(PDF) 13 Page - Linear Technology

Part # LTM2887
Description  SPI/Digital or I2C 關Module Isolator with Dual Adjustable 5V Regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2887 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTM2887 Datasheet HTML 9Page - Linear Technology LTM2887 Datasheet HTML 10Page - Linear Technology LTM2887 Datasheet HTML 11Page - Linear Technology LTM2887 Datasheet HTML 12Page - Linear Technology LTM2887 Datasheet HTML 13Page - Linear Technology LTM2887 Datasheet HTML 14Page - Linear Technology LTM2887 Datasheet HTML 15Page - Linear Technology LTM2887 Datasheet HTML 16Page - Linear Technology LTM2887 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
LTM2887
13
2887fb
For more information www.linear.com/LTM2887
BLOCK DIAGRAMS
LTM2887-I
2887 BDa
1µF
VCC
IVCC2
AVCC2
IVL2
VL2
VCC2
VL
2.2µF
GND
ON
SDA
DI1
DO2
DO1
SCL
O1
AVL2
I2
I1
SCL2
SDA2
GND2
DC/DC
CONVERTER
ISOLATED
COMMUNI-
CATIONS
INTERFACE
ISOLATED
COMMUNI-
CATIONS
INTERFACE
REG
REG
REG
4.7µF
4.7µF
10nF
10nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com