Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM2887 Datasheet(PDF) 2 Page - Linear Technology

Part # LTM2887
Description  SPI/Digital or I2C 關Module Isolator with Dual Adjustable 5V Regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2887 Datasheet(HTML) 2 Page - Linear Technology

  LTM2887 Datasheet HTML 1Page - Linear Technology LTM2887 Datasheet HTML 2Page - Linear Technology LTM2887 Datasheet HTML 3Page - Linear Technology LTM2887 Datasheet HTML 4Page - Linear Technology LTM2887 Datasheet HTML 5Page - Linear Technology LTM2887 Datasheet HTML 6Page - Linear Technology LTM2887 Datasheet HTML 7Page - Linear Technology LTM2887 Datasheet HTML 8Page - Linear Technology LTM2887 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
LTM2887
2
2887fb
For more information www.linear.com/LTM2887
LTM2887-I
LTM2887-S
VCC
GND
DO1
AVCC2
IVL2
GND2
I1
BGA PACKAGE
32-PIN (15mm
× 11.25mm × 3.42mm)
TOP VIEW
AVL2
F
G
H
L
J
K
E
A
B
C
D
2
1
4
3
5
6
7
8
DNC
DO2
SDA
SCL
DI1 GND ON
VL
DNC
I2
SDA2
SCL2
O1
VL2 IVCC2 VCC2
TJMAX = 125°C, θJA = 23.9°C/W, θJCbottom = 8.1°C/W,
θJCtop = 18.1°C/W, θJB = 9.3°C/W
θ VALUES DETERMINED PER JESD51-9, WEIGHT = 1.2g
VCC
GND
DO1
AVCC2
IVL2
GND2
I1
BGA PACKAGE
32-PIN (15mm × 11.25mm × 3.42mm)
TOP VIEW
AVL2
F
G
H
L
J
K
E
A
B
C
D
2
1
4
3
5
6
7
8
DO2
SDO
SDI
SCK
CS SDOE ON
VL
I2
SDO2
SDI2
SCK2
CS2 VL2 IVCC2 VCC2
TJMAX = 125°C, θJA = 23.9°C/W, θJCbottom = 8.1°C/W,
θJCtop = 18.1°C/W, θJB = 9.3°C/W
θ VALUES DETERMINED PER JESD51-9, WEIGHT = 1.2g
ABSOLUTE MAXIMUM RATINGS
VCC to GND .................................................. –0.3V to 6V
VL to GND .................................................... –0.3V to 6V
VCC2, AVCC2, IVCC2 to GND2......................... –0.3V to 6V
VL2, AVL2, IVL2 to GND2 .............................. –0.3V to 6V
Logic Inputs
DI1, SCK, SDI, CS, SCL, SDA, SDOE,
ON to GND..................................–0.3V to (VL + 0.3V)
I1, I2, SDA2,
SDO2 to GND2..........................–0.3V to (VL2 + 0.3V)
(Note 1)
PIN CONFIGURATION
Logic Outputs
DO1, DO2, SDO to GND ..............–0.3V to (VL + 0.3V)
O1, SCK2, SDI2, CS2,
SCL2 to GND2 ..........................–0.3V to (VL2 + 0.3V)
Operating Temperature Range (Note 4)
LTM2887C ............................................... 0°C to 70°C
LTM2887I ............................................–40°C to 85°C
LTM2887H......................................... –40°C to 125°C
Maximum Internal Operating Temperature............ 125°C
Storage Temperature Range .................. –55°C to 125°C
Peak Body Reflow Temperature ............................ 245°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com