Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM2887 Datasheet(PDF) 22 Page - Linear Technology

Part # LTM2887
Description  SPI/Digital or I2C 關Module Isolator with Dual Adjustable 5V Regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2887 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTM2887 Datasheet HTML 18Page - Linear Technology LTM2887 Datasheet HTML 19Page - Linear Technology LTM2887 Datasheet HTML 20Page - Linear Technology LTM2887 Datasheet HTML 21Page - Linear Technology LTM2887 Datasheet HTML 22Page - Linear Technology LTM2887 Datasheet HTML 23Page - Linear Technology LTM2887 Datasheet HTML 24Page - Linear Technology LTM2887 Datasheet HTML 25Page - Linear Technology LTM2887 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
LTM2887
22
2887fb
For more information www.linear.com/LTM2887
APPLICATIONS INFORMATION
Table 3. Unidirectional SPI Timing Event Description
TIME
CPHA
EVENT DESCRIPTION
t0
0, 1
Asynchronous chip select, may be synchronous to SDI but may not lag by more than 3ns
t0 to t1
0, 1
Propagation delay chip select, logic to isolated side
t2
0
Start of data transmission, data set-up
1
Start of transmission, data and clock set-up. Data transition must be within –13ns to 3ns of clock edge
t2 to t3
0
Propagation delay of data, logic side to isolated side
1
Propagation delay of data and clock, logic side to isolated side
t3
0, 1
Logic side data sample time, half clock period delay from data set-up transition
t3 to t5
0, 1
Clock propagation delay, clock and data transition
t4 to t5
0, 1
Data to clock delay, must be ≤13ns
t5 to t6
0, 1
Clock to data delay, must be ≤3ns
t5 to t7
0, 1
Data and clock propagation delay
t8
0
Last clock and data transition
1
Last clock transition
t8 to t9
0
Clock and data propagation delay
1
Clock propagation delay
t9 to t10
1
Data propagation delay
t11
0, 1
Asynchronous chip select transition, end of transmission
t12
0, 1
Chip select transition isolated side
Inter-IC Communication (I2C) Bus
The LTM2887-I provides an I2C compatible isolated in-
terface. Clock (SCL) is unidirectional, supporting master
mode only, and data (SDA) is bidirectional. The maximum
data rate is 400kHz which supports fast-mode I2C. Timing
is detailed in Figure 10. The data rate is limited by the slave
acknowledge setup time (tSU;ACK), consisting of the I2C
Figure 10. I2C Timing Diagram
2887 F10
SDA
1
8
9
SDA2
SCL
SCL2
START
tPROP
tSU;DAT
tHD;DAT
tSU;ACK
SLAVE ACK
STOP
standardminimumsetuptime(tSU;DAT)of100ns,maximum
clock propagation delay of 225ns, glitch filter and isolated
data delay of 500ns maximum, and the combined isolated
and logic data fall time of 300ns at maximum bus load-
ing. The total setup time reduces the I2C data hold time
(tHD;DAT) to a maximum of 175ns, guaranteeing sufficient
data setup time (tSU;ACK).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com