Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM2889 Datasheet(PDF) 13 Page - Linear Technology

Part # LTM2889
Description  Isolated CAN FD 關Module Transceiver and Power
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2889 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTM2889 Datasheet HTML 9Page - Linear Technology LTM2889 Datasheet HTML 10Page - Linear Technology LTM2889 Datasheet HTML 11Page - Linear Technology LTM2889 Datasheet HTML 12Page - Linear Technology LTM2889 Datasheet HTML 13Page - Linear Technology LTM2889 Datasheet HTML 14Page - Linear Technology LTM2889 Datasheet HTML 15Page - Linear Technology LTM2889 Datasheet HTML 16Page - Linear Technology LTM2889 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
LTM2889
13
2889fa
For more information www.linear.com/LTM2889
Bus Recessive to RXD Propagation
Delay vs Temperature
TXD to RXD Dominant Propagation
Delay vs Temperature, Slow Slew
TXD to RXD Recessive Propagation
Delay vs Temperature, Slow Slew
TXD to Bus Dominant Propagation
Delay vs Temperature, Slow Slew
TXD to Bus Recessive Propagation
Delay vs Temperature, Slow Slew
VCC2 Power Efficiency
TXD to Bus Dominant Propagation
Delay vs Temperature
TXD to Bus Recessive Propagation
Delay vs Temperature
Bus Dominant to RXD Propagation
Delay vs Temperature
VCC2 = 5V
VCC2 = 3.3V
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
85
90
95
100
105
110
115
120
2889 G10
VCC2 = 5V
VCC2 = 3.3V
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
105
115
125
135
145
155
165
175
2889 G11
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
59
61
63
65
67
69
2889 G12
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
66
68
70
72
74
76
2889 G13
VCC2 = 5V
VCC2 = 3.3V
RSL = 200k
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
490
510
530
550
570
590
2889 G14
VCC2 = 5V
VCC2 = 3.3V
RSL = 200k
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
940
960
980
1000
1020
1040
1060
1080
2889 G15
VCC2 = 5V
VCC2 = 3.3V
RSL = 200k
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
500
520
540
560
580
600
2889 G16
VCC2 = 5V
VCC2 = 3.3V
RSL = 200k
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
950
975
1000
1025
1050
1075
1100
2889 G17
LTM2889–5
LTM2889–3
VCC2 = 5V
ICC2 (mA)
0
25
50
75 100 125 150 175 200
0
0.10
0.20
0.30
0.40
0.50
0.60
0.70
2889 G18
Unless otherwise noted, the following conditions apply:
TA = 25°C, PVCC = VCC = 3.3V for the LTM2889-3, PVCC = VCC = 5.0V for the LTM2889-5, VL = 3.3V, GND = GND2 = S = RE = 0V, ON = VL.
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com