Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM2889 Datasheet(PDF) 2 Page - Linear Technology

Part # LTM2889
Description  Isolated CAN FD 關Module Transceiver and Power
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2889 Datasheet(HTML) 2 Page - Linear Technology

  LTM2889 Datasheet HTML 1Page - Linear Technology LTM2889 Datasheet HTML 2Page - Linear Technology LTM2889 Datasheet HTML 3Page - Linear Technology LTM2889 Datasheet HTML 4Page - Linear Technology LTM2889 Datasheet HTML 5Page - Linear Technology LTM2889 Datasheet HTML 6Page - Linear Technology LTM2889 Datasheet HTML 7Page - Linear Technology LTM2889 Datasheet HTML 8Page - Linear Technology LTM2889 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
LTM2889
2
2889fa
For more information www.linear.com/LTM2889
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VCC to GND .................................................. –0.3V to 6V
PVCC to GND................................................ –0.3V to 6V
VL to GND .................................................... –0.3V to 6V
VCC2 to GND2............................................... –0.3V to 6V
Signal Voltages (ON, S, RE, RXD, TXD)
to GND ................................................–0.3V to VL +0.3V
Interface I/O (CANH, CANL, SPLIT) to GND2..........±60V
Interface I/O to Interface I/O ................................. ±120V
VCC2, ADJ, RS to GND2................................ –0.3V to 6V
Operating Temperature Range (Note 4)
LTM2889C ............................................... 0°C to 70°C
LTM2889I ............................................–40°C to 85°C
LTM2889H......................................... –40°C to 125°C
Maximum Internal Operating Temperature............ 125°C
Storage Temperature Range .................. –55°C to 125°C
Peak Reflow Temperature (Soldering, 10 sec)....... 245°C
(Note 1)
GND
GND2
GND2
DNC
BGA PACKAGE
32-PIN (15mm
× 11.25mm × 3.42mm)
TOP VIEW
F
G
H
L
J
K
E
A
B
C
D
2
1
4
3
5
6
7
8
RXD
RE
S
TXD
ON
VL VCC PVCC
SPLIT
CANL
GND2 RS
ADJ
CANH
VCC2
TJMAX = 125°C, θJA = 32.2°C/W, θJCTOP = 27.2°C/W
θJCBOTTOM = 20.9°C/W, θJB =26.4°C/W, Weight = 1.1g
PRODUCT SELECTION GUIDE
LEAD FREE DESIGNATOR
PBF = Lead Free
LTM2889 I
Y
–3
#PBF
INPUT VOLTAGE RANGE
3 = 3V to 3.6V
5 = 4.5V to 5.5V
PACKAGE TYPE
Y = Ball Grid Array (BGA)
TEMPERATURE GRADE
C = Commercial Temperature Range (0°C to 70°C)
I = Industrial Temperature Range (–40°C to 85°C)
H = Automotive Temperature Range (–40°C to 125°C)
PRODUCT PART NUMBER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com