Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM2889 Datasheet(PDF) 21 Page - Linear Technology

Part # LTM2889
Description  Isolated CAN FD 關Module Transceiver and Power
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2889 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTM2889 Datasheet HTML 17Page - Linear Technology LTM2889 Datasheet HTML 18Page - Linear Technology LTM2889 Datasheet HTML 19Page - Linear Technology LTM2889 Datasheet HTML 20Page - Linear Technology LTM2889 Datasheet HTML 21Page - Linear Technology LTM2889 Datasheet HTML 22Page - Linear Technology LTM2889 Datasheet HTML 23Page - Linear Technology LTM2889 Datasheet HTML 24Page - Linear Technology LTM2889 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
LTM2889
21
2889fa
For more information www.linear.com/LTM2889
APPLICATIONS INFORMATION
Figure 13. Slew Rate vs Slew Control Resistor RSL
RSL (k)
2889 F13
60
50
40
30
20
10
0
1
10
100
VCC2 = 5V
VCC2 = 3.3V
When a voltage between 1.1V and VCC2 is applied, the RS
pin acts as a high impedance receiver. A voltage above
VIH_RS puts the chip in shutdown, while a voltage below
VIL_RS but above 1.1V activates the chip and sets the
transmitter to the minimum slew rate.
TheslewcontrolcircuitontheRSpinisactivatedatapplied
voltages below 1.1V. The RS pin can be approximately
modeled as a 1.1V voltage source with a series resistance
of 2k and a current compliance limit of –100µA, and a
250k pull-up resistor to VCC2 (Figure 14). Lowering the
voltage on RS increases the slew control current ISC be-
ing drawn from the slew control circuit until the voltage
reaches ~0.9V, where the current drawn from the circuit
is ~ –100µA. Below an applied voltage of ~ 0.9V, the slew
control circuit sources no additional current, and the
current drawn from it remains at ~ –100µA down to 0V.
The total current IRS drawn from the RS pin for input volt-
age 0.9V ≤ VRS ≤ 1.1V is the sum of the internal pull-up
resistor current IRS and the slew control current ISC.
IRS(0.9V ≤ VRS ≤ 1.1V)=IPU+ISC
=
VCC2 – VRS
250k
+
1.1V – VRS
2k
The transmitter slew rate is controlled by the slew control
currentISCwithincreasingcurrentmagnitudecorrespond-
ing to higher slew rates. The slew rate can be controlled
using a single slew control resistor RSL in series with the
RS pin. When the RS pin is pulled low towards ground
by an external driver, RSL limits the amount of current
drawn from the RS pin and sets the transmitter slew rate.
Alternatively,theslewratemaybecontrolledbyanexternal
voltage or current source.
Figure 14. Equivalent Circuit of RS Pin
2889 F14
ISC
(–100µA LIMIT)
RS
IPU
VCC2
IRS
IDEAL
DIODE
GND2
2k
1.1V
+
–
V
250k
High Symmetry Driver with Variable Slew Rate
The electromagnetic emissions spectrum of a differential
linetransmitterislargelydeterminedbythevariationinthe
commonmodevoltageduringswitching,asthedifferential
component of the emissions from the two lines cancel,
while the common mode emissions of the two lines add.
The LTM2889 transmitter has been designed to maintain
highly symmetric transitions on the CANH and CANL lines
to minimize the perturbation of the common mode voltage
during switching (Figure 15), resulting in low EME. The
common mode switching symmetry is guaranteed by the
VSYM specification.
Figure 15. Low Perturbation of Common
Mode Voltage During Switching
200ns/DIV
CANL
500mV/DIV
COMMON MODE
500mV/DIV
CANH
500mV/DIV
2889 F15
1Mbps
LTM2889-3
PVCC = VCC = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com