Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF40109B Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF40109B
Description  QUAD LOW-TO-HIGH VOLTAGE LEVEL SHIFTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF40109B Datasheet(HTML) 1 Page - STMicroelectronics

  HCF40109B Datasheet HTML 1Page - STMicroelectronics HCF40109B Datasheet HTML 2Page - STMicroelectronics HCF40109B Datasheet HTML 3Page - STMicroelectronics HCF40109B Datasheet HTML 4Page - STMicroelectronics HCF40109B Datasheet HTML 5Page - STMicroelectronics HCF40109B Datasheet HTML 6Page - STMicroelectronics HCF40109B Datasheet HTML 7Page - STMicroelectronics HCF40109B Datasheet HTML 8Page - STMicroelectronics HCF40109B Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
September 2002
s
INDIPENDENCE OF POWER SUPPLY
SEQUENCE CONSIDERATIONS - VCC CAN
EXCEED VDD, INPUT SIGNALS CAN
EXCEED BOTH VCC AND VDD
s
UP AND DOWN LEVEL SHIFTING
CAPABILITY
s
THREE-STATE OUTPUTS WITH SEPARATE
ENABLE CONTROLS
s
STANDARDIZED SYMMETRICAL OUTPUT
CHARACTERISTICS
s
QUIESCENT CURRENT SPECIFIED UP TO
20V
s
5V, 10V, AND 15V PARAMETRIC RATINGS
s
INPUT LEAKAGE CURRENT
II = 100nA (MAX) AT VDD = 18V TA = 25°C
s
100% TESTED FOR QUIESCENT CURRENT
s
MEETS ALL REQUIREMENTS OF JEDEC
JESD13B "STANDARD SPECIFICATIONS
FOR DESCRIPTION OF B SERIES CMOS
DEVICES"
DESCRIPTION
HCF40109B is a monolithic integrated circuit
fabricated
in
Metal
Oxide
Semiconductor
technology available in DIP and SOP packages.
HCF40109B contains four low-to-high voltage
level shifting circuits. Each circuit will shift a
low-voltage digital-logic input signal (A, B, C, D)
with logical 1 = VCC and logical 0 = VSS to a higher
voltage output signal (E, F, G, H) with logical 1 =
VDD and logical 0 = VSS. HCF40109B, unlike other
low-to-high level-shifting circuits, does not require
the presence of the high voltage supply (VDD)
before the application of either the low-voltage
supply (VCC) or the input signals. There are no
restrictions on the sequence of application of VDD,
VCC, or the input signals. In addition, there are no
restrictions on the relative magnitudes of the
supply voltages or input signals within the device
maximum ratings; VCC may exceed VDD, and
input signals may exceed VCC and VDD. When
operated in the mode VCC VDD, HCF40109B will
operate as a high-to-low level-shifter. HCF40109B
also
features
individual
three-state
output
capability. A low level on any of the separately
enabled three-state output controls produces a
high-impedance state in the corresponding output.
HCF40109B
QUAD LOW-TO-HIGH VOLTAGE LEVEL SHIFTER
PIN CONNECTION
ORDER CODES
PACKAGE
TUBE
T & R
DIP
HCF40109BEY
SOP
HCF40109BM1
HCF40109M013TR
DIP
SOP


Similar Part No. - HCF40109B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF40109B STMICROELECTRONICS-HCF40109B Datasheet
292Kb / 12P
QUAD LOW-TO-HIGH VOLTAGE LEVEL SHIFTER
Jun-1989
HCF40109B STMICROELECTRONICS-HCF40109B Datasheet
300Kb / 10P
QUAD LOW-TO-HIGH VOLTAGE LEVEL SHIFTER
May-2003
HCF40109BC1 STMICROELECTRONICS-HCF40109BC1 Datasheet
292Kb / 12P
QUAD LOW-TO-HIGH VOLTAGE LEVEL SHIFTER
Jun-1989
HCF40109BEY STMICROELECTRONICS-HCF40109BEY Datasheet
292Kb / 12P
QUAD LOW-TO-HIGH VOLTAGE LEVEL SHIFTER
Jun-1989
HCF40109BEY STMICROELECTRONICS-HCF40109BEY Datasheet
300Kb / 10P
QUAD LOW-TO-HIGH VOLTAGE LEVEL SHIFTER
May-2003
More results

Similar Description - HCF40109B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4049 PHILIPS-74HC4049 Datasheet
41Kb / 7P
Hex inverting high-to-low level shifter
December 1990
74HC4050 PHILIPS-74HC4050 Datasheet
40Kb / 7P
Hex high-to-low level shifter
December 1990
logo
STMicroelectronics
HCC40109B STMICROELECTRONICS-HCC40109B Datasheet
292Kb / 12P
QUAD LOW-TO-HIGH VOLTAGE LEVEL SHIFTER
Jun-1989
logo
Texas Instruments
CD40109B TI-CD40109B Datasheet
255Kb / 10P
CMOS QUAD LOW-TO-HIGH VOLTAGE LEVEA SHIFTER
logo
Intersil Corporation
CD40109BMS INTERSIL-CD40109BMS Datasheet
76Kb / 9P
CMOS Quad Low-to-High Voltage Level Shifter
December 1992
logo
STMicroelectronics
HCF40109B STMICROELECTRONICS-HCF40109B_03 Datasheet
300Kb / 10P
QUAD LOW-TO-HIGH VOLTAGE LEVEL SHIFTER
May-2003
logo
Texas Instruments
CD40109B-Q1 TI1-CD40109B-Q1 Datasheet
3Mb / 14P
CMOS QUAD LOW-TO-HIGH VOLTAGE SHIFTER
CD40109BPWRE4 TI-CD40109BPWRE4 Datasheet
1Mb / 14P
CMOS Quad Low-to-high Voltage Level Shifter
logo
Unisonic Technologies
U74HC4049 UTC-U74HC4049_15 Datasheet
175Kb / 6P
HEX INVERTING HIGH-TO-LOW LEVEL SHIFTER
logo
Texas Instruments
CD40109B TI1-CD40109B_15 Datasheet
1Mb / 14P
CMOS Quad Low-to-High Voltage Lever Shifter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com