Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4630 Datasheet(PDF) 13 Page - Linear Technology

Part # LTM4630
Description  Dual 25A or Single 50A DC/DC 關Module Regulator with 1% DC Accuracy
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4630 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTM4630 Datasheet HTML 9Page - Linear Technology LTM4630 Datasheet HTML 10Page - Linear Technology LTM4630 Datasheet HTML 11Page - Linear Technology LTM4630 Datasheet HTML 12Page - Linear Technology LTM4630 Datasheet HTML 13Page - Linear Technology LTM4630 Datasheet HTML 14Page - Linear Technology LTM4630 Datasheet HTML 15Page - Linear Technology LTM4630 Datasheet HTML 16Page - Linear Technology LTM4630 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
LTM4650A
13
4650afb
For more information www.linear.com/LTM4650A
The typical LTM4650A application circuit is shown in
Figure  32. External component selection is primarily
determined by the maximum load current and output
voltage. Refer to Table 6 for specific external capacitor
requirements for particular application.
VIN to VOUT Step-Down Ratios
There are restrictions in the maximum VIN and VOUT step-
down ratio that can be achieved for a given input voltage.
Each output of the LTM4650A is capable of 98% duty
cycle, but the VIN to VOUT minimum dropout is still shown
as a function of its load current and will limit output cur-
rent capability related to high duty cycle on the top side
switch.Minimumon-timetON(MIN)isanotherconsideration
in operating at a specified duty cycle while operating at
a certain frequency due to the fact that tON(MIN) < D/fSW,
where D is duty cycle and fSW is the switching frequency.
tON(MIN) is specified in the electrical parameters as 90ns.
Output Voltage Programming
ThePWMcontrollerhasaninternal0.6Vreferencevoltage.
AsshownintheBlockDiagram,a60.4kΩinternalfeedback
resistor connects between the VOUTS1 to VFB1 and VOUTS2
to VFB2. It is very important that these pins be connected
to their respective outputs for proper feedback regulation.
Overvoltage can occur if these VOUTS1andVOUTS2pinsare
left floating when used as individual regulators, or at least
one of them is used in paralleled regulators. The output
voltage will default to 0.6V with no feedback resistor on
either VFB1 or VFB2. Adding a resistor RFB from VFB pin to
GND programs the output voltage:
VOUT = 0.6V •
60.4k + RFB
RFB
Table 1. VFB Resistor Table vs Various Output Voltages
VOUT 0.6V
1.0V
1.2V
1.5V
1.8V
2.5V
3.3V
5V
RFB
Open 90.9k 60.4k 40.2k 30.2k 19.1k 13.3k 8.25k
For parallel operation of multiple channels the same feed-
back setting resistor can be used for the parallel design.
This is done by connecting the VOUTS1 to the output as
shown in Figure 2, thus tying one of the internal 60.4k
APPLICATIONS INFORMATION
resistors to the output. All of the VFB pins tie together with
one programming resistor as shown in Figure 2.
Inparalleloperation,theVFBpinshaveanIFBcurrentof20nA
maximumeachchannel.Toreduceoutputvoltageerrordue
to this current, an additional VOUTS pin can be tied to VOUT,
andanadditionalRFBresistorcanbeusedtolowerthetotal
Thevenin equivalent resistance seen by this current. For
exampleinFigure2,thetotalTheveninequivalentresistance
of the VFB pin is (60.4k//RFB), which is 30.2k where RFB is
equal to 60.4k for a 1.2V output. Four phases connected
in parallel equates to a worse case feedback current of
4 • IFB = 80nA maximum. The voltage error is 80nA • 30.2k
= 2.4mV. If VOUTS2 is connected, as shown in Figure 2, to
VOUT,andanother60.4kresistorisconnectedfromVFB2to
ground, then the voltage error is reduced to 1.2mV. If the
voltage error is acceptable then no additional connections
arenecessary.Theonboard60.4kresistoris0.5%accurate
and the VFB resistor can be chosen by the user to be as
accurate as needed. All COMP pins are tied together for
current sharing between the phases. The TRACK/SS pins
can be tied together and a single soft-start capacitor can
be used to soft-start the regulator. The soft-start equation
willneedtohavethesoft-startcurrentparameterincreased
by the number of paralleled channels. See Output Voltage
Tracking section.
Figure 2. 4-Phase Parallel Configurations
4650A F02
60.4k
TRACK1
TRACK2
VOUT1
VOUTS1
VFB1
VFB2
COMP1
4 PARALLELED OUTPUTS
FOR 1.2V AT 100A
OPTIONAL CONNECTION
COMP2
VOUTS2
VOUT2
60.4k
60.4k
TRACK1
TRACK2
0.1µF
VOUT1
VOUTS1
VFB1
VFB2
COMP1
COMP2
VOUTS2
VOUT2
60.4k
LTM4650A
LTM4650A
RFB
60.4k
OPTIONAL
RFB
60.4k
USE TO LOWER
TOTAL EQUIVALENT
RESISTANCE TO LOWER
IFB VOLTAGE ERROR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com