Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4630 Datasheet(PDF) 20 Page - Linear Technology

Part # LTM4630
Description  Dual 25A or Single 50A DC/DC 關Module Regulator with 1% DC Accuracy
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4630 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTM4630 Datasheet HTML 16Page - Linear Technology LTM4630 Datasheet HTML 17Page - Linear Technology LTM4630 Datasheet HTML 18Page - Linear Technology LTM4630 Datasheet HTML 19Page - Linear Technology LTM4630 Datasheet HTML 20Page - Linear Technology LTM4630 Datasheet HTML 21Page - Linear Technology LTM4630 Datasheet HTML 22Page - Linear Technology LTM4630 Datasheet HTML 23Page - Linear Technology LTM4630 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
LTM4650A
20
4650afb
For more information www.linear.com/LTM4650A
APPLICATIONS INFORMATION
Power Good
The PGOOD pins are open drain pins that can be used to
monitor valid output voltage regulation. This pin monitors
a 10% window around the regulation point. A resistor can
be pulled up to a particular supply voltage no greater than
6V maximum for monitoring.
Stability Compensation
The module has already been internally compensated for
all output voltages. Table 6 is provided for most applica-
tion requirements. LTpowerCAD will be provided for other
control loop optimization.
Run Enable
The RUN pins have an enable threshold of 1.4V maximum,
typically 1.25V with 150mV of hysteresis. They control
the turn on each of the channels and INTVCC. These pins
can be pulled up to VIN for 5V operation, or a 5V Zener
diode can be placed on the pins and a 10k to 100k resis-
tor can be placed up to higher than 5V input for enabling
the channels. There is 1µA pull-up current for each RUN
pin. The LTM4650A will turn on with RUN floating. Please
note RUN has a 6V Abs Max voltage rating. The RUN
pins can also be used for output voltage sequencing.
In parallel operation the RUN pins can be tie together and
controlled from a single control. See the Typical Applica-
tion circuits in Figure 32.
INTVCC and EXTVCC
The LTM4650A module has an internal 5V low dropout
regulator that is derived from the input voltage. This regu-
lator is used to power the control circuitry and the power
MOSFET drivers. This regulator can source up to 70mA,
and typically uses ~30mA for powering the device at the
maximum frequency. This internal 5V supply is enabled
by either RUN1 or RUN2.
EXTVCC allows an external 5V supply to power the
LTM4650Aandreducepowerdissipationfromtheinternal
low dropout 5V regulator. The power loss savings can be
calculated by:
(VIN – 5V) • 30mA = PLOSS
EXTVCC has a threshold of 4.7V for activation, and a
maximum rating of 6V. When using a 5V input, connect
this 5V input to EXTVCC also to maintain a 5V gate drive
level. EXTVCC must sequence on after VIN, and EXTVCC
must sequence off before VIN.
Differential Remote Sense Amplifier
An accurate differential remote sense amplifier is provided
to sense low output voltages accurately at the remote
load points. This is especially true for high current loads.
The amplifier can be used on one of the two channels, or
on a single parallel output. It is very important that the
DIFFP and DIFFN are connected properly at the output,
and DIFFOUT is connected to either VOUTS1 or VOUTS2.
In parallel operation, the DIFFP and DIFFN are connected
properly at the output, and DIFFOUT is connected to
one of the VOUTS pins. Review the parallel schematics in
Figure 33 and review Figure 2. Please note Diffamp can
be used for ≤3.3V outputs.
SW Pins
The SW pins are generally for testing purposes by moni-
toring these pins. These pins can also be used to dampen
out switch node ringing caused by LC parasitic in the
switched current paths. Usually a series R-C combina-
tion is used called a snubber circuit. The resistor will
dampen the resonance and the capacitor is chosen to
only affect the high frequency ringing across the resistor.
If the stray inductance or capacitance can be measured or
approximated then a somewhat analytical technique can
be used to select the snubber values. The inductance is
usually easier to predict. It combines the power path board
inductance in combination with the MOSFET interconnect
bond wire inductance.
First the SW pin can be monitored with a wide bandwidth
scope with a high frequency scope probe. The ring fre-
quency can be measured for its value. The impedance Z
can be calculated:
Z(L) = 2πfL,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com