Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4630 Datasheet(PDF) 2 Page - Linear Technology

Part # LTM4630
Description  Dual 25A or Single 50A DC/DC 關Module Regulator with 1% DC Accuracy
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4630 Datasheet(HTML) 2 Page - Linear Technology

  LTM4630 Datasheet HTML 1Page - Linear Technology LTM4630 Datasheet HTML 2Page - Linear Technology LTM4630 Datasheet HTML 3Page - Linear Technology LTM4630 Datasheet HTML 4Page - Linear Technology LTM4630 Datasheet HTML 5Page - Linear Technology LTM4630 Datasheet HTML 6Page - Linear Technology LTM4630 Datasheet HTML 7Page - Linear Technology LTM4630 Datasheet HTML 8Page - Linear Technology LTM4630 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
LTM4650A
2
4650afb
For more information www.linear.com/LTM4650A
PART NUMBER
PAD OR BALL FINISH
PART MARKING*
PACKAGE
TYPE
MSL
RATING
TOTAL DC
ACCURACY
TEMPERATURE 
RANGE (Note 2)
DEVICE
FINISH CODE
LTM4650AEV#PBF
Au (RoHS)
LTM4650AV
e4
LGA
3
±1%
–40°C to 125°C
LTM4650AIV#PBF
Au (RoHS)
LTM4650AV
e4
LGA
3
±1%
–40°C to 125°C
LTM4650AEY#PBF
SAC305 (RoHS)
LTM4650AY
e1
BGA
3
±1%
–40°C to 125°C
LTM4650AIY#PBF
SAC305 (RoHS)
LTM4650AY
e1
BGA
3
±1%
–40°C to 125°C
LTM4650AIY
SnPb (63/37)
LTM4650AY
e0
BGA
3
±1%
–40°C to 125°C
Consult ADI Marketing for parts specified with wider operating temperature
ranges. *Device temperature grade is indicated by a label on the shipping
container. Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Terminal Finish Part Marking:
www.linear.com/leadfree
• Recommended LGA and BGA PCB Assembly and Manufacturing
Procedures:
www.linear.com/umodule/pcbassembly
• LGA and BGA Package and Tray Drawings:
www.linear.com/packaging
ORDER INFORMATION http://www.linear.com/product/LTM4650A#orderinfo
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN (Note 8).................................................–0.3V to 18V
VSW1, VSW2....................................................–1V to 18V
PGOOD1, PGOOD2, RUN1, RUN2,
INTVCC, EXTVCC .......................................... –0.3V to 6V
MODE_PLLIN, fSET, TRACK1, TRACK2,
DIFFOUT, PHASMD ............................... –0.3V to INTVCC
VOUT1, VOUT2, VOUTS1, VOUTS2 (Note 6)........ –0.3V to 6V
(Note 1)
LGA PACKAGE
144-LEAD (16mm
× 16mm × 4.41mm)
TOP VIEW
TEMP
CLKOUT
SW1
PHASMD
EXTVCC
1
2
3
4
5
6
7
8
10
9
11
12
L
K
J
H
G
F
E
D
C
B
M
A
SW2
PGOOD1
PGOOD2
RUN2
TRACK2
INTVCC
VOUTS2
DIFFP
DIFFOUT
DIFFN
RUN1
TRACK1
MODE_PLLIN
VFB1
VOUTS1
fSET
SGND
COMP1 COMP2
SGND
VFB2
VIN
VOUT2
GND
GND
VOUT1
SGND
GND
TJMAX = 125°C, θJA = 7°C/W, θJCbottom = 1.5°C/W, θJCtop = 3.7°C/W, θJB + θJBA ≅ 7°C/W
θ VALUES DEFINED PER JESD51-12
WEIGHT = 3.6g
BGA PACKAGE
144-LEAD (16mm
× 16mm × 5.01mm)
TOP VIEW
TEMP
CLKOUT
SW1
PHASMD
EXTVCC
1
2
3
4
5
6
7
8
10
9
11
12
L
K
J
H
G
F
E
D
C
B
M
A
SW2
PGOOD1
PGOOD2
RUN2
TRACK2
INTVCC
VOUTS2
DIFFP
DIFFOUT
DIFFN
RUN1
TRACK1
MODE_PLLIN
VFB1
VOUTS1
fSET
SGND
COMP1 COMP2
SGND
VFB2
VOUT2
GND
GND
SGND
GND
TJMAX = 125°C, θJA = 7°C/W, θJCbottom = 1.5°C/W, θJCtop = 3.7°C/W, θJB + θJBA ≅ 7°C/W
θ VALUES DEFINED PER JESD51-12
WEIGHT = 3.8g
DIFFP, DIFFN ......................................... –0.3V to INTVCC
COMP1, COMP2, VFB1, VFB2 (Note 6)........ –0.3V to 2.7V
INTVCC Peak Output Current..................................50mA
Internal Operating Temperature Range
(Note 2) ............................................. –40°C to 125°C
Storage Temperature Range .................. –55°C to 125°C
Peak Package Body Temperature.......................... 245°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com