Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8049 Datasheet(PDF) 10 Page - Linear Technology

Part # LTM8049
Description  15V, 4A Step-Up 關Module Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8049 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTM8049 Datasheet HTML 6Page - Linear Technology LTM8049 Datasheet HTML 7Page - Linear Technology LTM8049 Datasheet HTML 8Page - Linear Technology LTM8049 Datasheet HTML 9Page - Linear Technology LTM8049 Datasheet HTML 10Page - Linear Technology LTM8049 Datasheet HTML 11Page - Linear Technology LTM8049 Datasheet HTML 12Page - Linear Technology LTM8049 Datasheet HTML 13Page - Linear Technology LTM8049 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LTM4661
10
4661f
For more information www.linear.com/LTM4661
Burst Mode operation, energy is delivered to the output
until the nominal regulation value is reached, then the
LTM4661 transitions into a very low quiescent current
sleep state. In sleep, the output switches are turned off
and the LTM4661 consumes only 25µA of quiescent
current. When the output voltage droops approximately
1%, switching resumes. This maximizes efficiency at
very light loads by minimizing switching and quiescent
losses. Output voltage ripple in Burst Mode operation
is typically 1% to 2% peak-to-peak. Additional output
capacitance (22µF or greater), or the addition of a small
feedforward capacitor (10pF to 50pF) connected between
VOUT and FB, can help further reduce the output ripple.
Operation Frequency
The operating frequency of the LTM4661 is optimized to
achievethecompactpackagesizeandtheminimumoutput
ripplevoltagewhilestillkeepinghighefficiency.Thedefault
operating frequency is internally set to 1MHz. In most ap-
plications, no additional frequency adjusting is required.
If any operating frequency other than 1MHz is required by
application, the operating frequency can be increased by
adding a resistor, RFSET, between the FREQ pin and GND,
as shown in Figure 18. The operating frequency can be
calculated as:
fs MHz
(
) =
28 + RFSET kΩ
( )
RFSET kΩ
( )
Frequency Synchronization
The switching frequency of the LTM4661 can be synchro-
nized to a desired frequency by applying a clock of twice
the desired frequency to the SYNC/MODE pin. Also, the
freerunningfrequencyneedstobeadjustedtoafrequency
approximately80%ofthedesiredfrequency.Pleaseusethe
equation in the Operation Frequency section to calculate
the external RFSET resistor value.
For example, if the LTM4661 needs to be synchronized to
1.5MHz switching frequency, an external clock of 3MHz
needs to supply to SYNC/MODE pin while adding a 140kΩ
RFSET resistor between FREQ pin and GND to program the
free run frequency to 1.2MHz.
Shutdown
The boost converter is disabled by pulling SDB below
0.25V and enabled by pulling SDB above 1.6V. Note that
SDB pin can be driven above VIN or VOUT, as long as it is
limited to less than its absolute maximum rating.
Thermal Shutdown
Ifthedietemperatureexceeds170°Ctypical,theLTM4661
will go into thermal shutdown (TSD). All switches will be
shut off until the die temperature drops by approximately
7°C, when the device reinitiates a soft-start and switching
is re-enabled.
Output Disconnect
TheLTM4661’soutputdisconnectfeatureeliminatesbody
diode conduction of the internal P-channel MOSFET recti-
fiers.ThisfeatureallowsforVOUTtodischargeto0Vduring
shutdownanddrawnocurrentfromtheinputsource.Inrush
current will also be limited at turn-on, minimizing surge
currents seen by the input supply. The output disconnect
feature also allows VOUT to be pulled high, without back-
feeding the power source connected to VIN.
Short-Circuit Protection
The LTM4661 output disconnect feature allows output
short-circuit protection while maintaining a maximum set
current limit. To reduce power dissipation under overload
andshort-circuitconditions,thepeakswitchcurrentlimits
are reduced to approximately 2A. Once VOUT exceeds
approximately 1.5V, the current limits are reset to their
nominal values of 3.5A peak switching current per phase.
Output Overvoltage Protection
An overvoltage condition occurs when VOUT exceeds
approximately 16.5V. Switching is disabled and the in-
ternal soft-start ramp is reset. Once VOUT drops below
approximately 16V, a soft-start is initiated and switching
is allowed to resume. If the boost converter output is
lightly loaded such that the time constant of the output
capacitance, COUT and the output load resistance, ROUT is
near or greater than the soft-start time of approximately
10ms, the soft-start ramp may end before or soon after
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com