Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8049 Datasheet(PDF) 3 Page - Linear Technology

Part # LTM8049
Description  15V, 4A Step-Up 關Module Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8049 Datasheet(HTML) 3 Page - Linear Technology

  LTM8049 Datasheet HTML 1Page - Linear Technology LTM8049 Datasheet HTML 2Page - Linear Technology LTM8049 Datasheet HTML 3Page - Linear Technology LTM8049 Datasheet HTML 4Page - Linear Technology LTM8049 Datasheet HTML 5Page - Linear Technology LTM8049 Datasheet HTML 6Page - Linear Technology LTM8049 Datasheet HTML 7Page - Linear Technology LTM8049 Datasheet HTML 8Page - Linear Technology LTM8049 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTM4661
3
4661f
For more information www.linear.com/LTM4661
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Switching Regulator Section: per Channel
VIN
Input DC Voltage
VOUT ≥ 2.5V
l
0.7
5.5
V
VIN(MIN)
Minimum Start-Up Voltage
VOUT = 0V
l
1.6
1.8
VOUT(RANGE)
Output Voltage Range
l
2.5
15
V
VOUT(DC)
Output Voltage, Total
Variation with Line and Load
RFB = 31.6k, SYNC/MODE = INTVCC
VIN = 3.3V, VOUT = 5V, IOUT = 0A to 2A
l
4.85
5
5.15
V
IQ(VIN)
Input Supply Bias Current
VIN = 3.3V, VOUT = 5V, SYNC/MODE = INTVCC, IOUT = 5mA
VIN = 3.3V, VOUT = 5V, SYNC/MODE = GND, IOUT = 5mA
Shutdown, SDB = 0, VIN = 3.3V
10
8.5
0.5
mA
mA
µA
IS(VIN)
Input Supply Current
VIN = 3.3V, VOUT = 5V, IOUT = 2A
3.7
A
IOUT(DC)
Output Continuous Current
Range
VIN = 3.3V, VOUT = 5V (Note 4)
VIN = 3.3V, VOUT = 12V
0
0
2
0.7
A
A
ΔVOUT (Line)/VOUT Line Regulation Accuracy
VOUT = 12V, VIN = 1.8V to 5.5V, IOUT = 0A
l
0.1
0.5
%/V
ΔVOUT (Load)/VOUT Load Regulation Accuracy
VIN = 3.3V, VOUT = 5V, IOUT = 0A to 2A
l
0.1
2
%
VOUT(AC)
Output Ripple Voltage
IOUT = 0A, COUT = 2×22µF Ceramic
VIN = 3.3V, VOUT = 5V
3
mV
ΔVOUT(START)
Turn-On Overshoot
IOUT = 0A, COUT = 2×22µF Ceramic,
VIN = 3.3V, VOUT = 5V
30
mV
tSTART
Turn-On Time
COUT = 100µF Ceramic,
No Load, VIN = 3.3V, VOUT = 5V
10
ms
ΔVOUTLS
Peak Deviation for Dynamic
Load
Load: 0% to 25% to 0% of Full Load
COUT = 100µF Ceramic, VIN = 3.3V, VOUT = 5V
200
mV
tSETTLE
Settling Time for Dynamic
Load Step
Load: 0% to 25% to 0% of Full Load
COUT = 100µF Ceramic, VIN = 3.3V, VOUT = 5V
500
uS
VFB
Voltage at VFB Pin
IOUT = 0A, VIN = 3.3V, VOUT = 5V, SYNC/MODE = INTVCC
l
1.17
1.2
1.23
V
IFB
Current at VFB Pin
(Note 7)
1
50
nA
RFBHI
Resistor Between VOUT and
VFB Pins
99.5
100
100.5
kΩ
Duty(MIN)
Minimum Duty Cycle
FB = 1.4V (Note 7)
0
%
Duty(MAX)
Maximum Duty Cycle
FB = 1.0V (Note 7)
90
94
%
SDB Input Voltage
SDB Input High
SDB Input Low
1.2
0.35
V
V
ISDB
SDB Input Current
SDB = 5.5V
1
2
uA
VINTVCC
Internal VCC Voltage
VIN < 2.8V, VOUT>5V
3.9
4.25
4.6
V
fOSC
Switching Frequency
1
MHz
SYNC Range
SYNC Frequency Range
0.5
1.5
MHz
MODE/SYNC
Sync Input High Voltage
Sync Input Low Voltage
1.6
0.35
V
V
IMODE/SYNC
SDB = 5.5V
1
2
uA
The l denotes the specifications which apply over the specified internal
operating temperature range, otherwise specifications are at TA = 25°C (Note 2), VIN = 3.3V, per the typical application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com