Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8049 Datasheet(PDF) 1 Page - Linear Technology

Part # LTM8049
Description  15V, 4A Step-Up 關Module Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8049 Datasheet(HTML) 1 Page - Linear Technology

  LTM8049 Datasheet HTML 1Page - Linear Technology LTM8049 Datasheet HTML 2Page - Linear Technology LTM8049 Datasheet HTML 3Page - Linear Technology LTM8049 Datasheet HTML 4Page - Linear Technology LTM8049 Datasheet HTML 5Page - Linear Technology LTM8049 Datasheet HTML 6Page - Linear Technology LTM8049 Datasheet HTML 7Page - Linear Technology LTM8049 Datasheet HTML 8Page - Linear Technology LTM8049 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTM4661
1
4661f
For more information www.linear.com/LTM4661
TYPICAL APPLICATION
FEATURES
DESCRIPTION
15V, 4A Step-Up
µModule Regulator
The LTM®4661 is a synchronous step-up switching mode
µModule®(powermodule)regulatorina6.25mm×6.25mm
× 2.42mm BGA package. Included in the package are the
switching controller, power FETs, inductor and all support
components. Operating over an input voltage of 1.8V to
5.5V, down to 0.7V after start-up, the LTM4661 regulates
an output voltage of 2.5V to 15V set by an external resistor.
It provides up to 4A switch current. Only bulk input and
output capacitors are needed.
The LTM4661 1MHz switching frequency and dual phase
singleoutputarchitectureenablefasttransientresponseto
line and load changes and a significant reduction of output
ripple voltage. It supports frequency synchronization,
PolyPhase®operationandselectableBurstModeoperation.
The LTM4661 features a true output disconnect during
shutdown and inrush current limit at start-up. It also has
short-circuit,overvoltageandovertemperatureprotection.
The LTM4661 is Pb-free and RoHS compliant.
5V/2A DC/DC Step-Up µModule Regulator
Efficiency vs Output Current at 3.3V Input
APPLICATIONS
n
Complete Solution in <1cm2 (Single-Sided PCB) or
0.5cm2 (Dual-Sided PCB)
n
Input Voltage Range: 1.8V to 5.5V, Down to 0.7V
After Start-Up
n
Output Voltage Range: 2.5V to 15V
n
4A Switch Current
n
Dual Phase Operation
n
±3% Maximum Total DC Output Voltage Regulation
Over Load, Line and Temperature
n
Output Disconnect in Shut Down
n
Inrush Current Limit
n
External Frequency Synchronization
n
Selectable Burst Mode® Operation
n
Output Overvoltage and Overtemperature Protection
n
6.25mm × 6.25mm × 2.42mm BGA package
n
RF Microwave Power Amplifiers
n
Battery Powered DC Motors
n
3.3V Bus Telecom Transceivers
All registered trademarks and trademarks are the property of their respective owners.
22µF ×2
16V
22µF ×2
6.3V
2.2µF
R1
31.6k
4661 TA01a
LTM4661 VOUT
FB
VOUT
5V/2A
VIN
SDB
MODE/SYNC
INTVCC
FREQ COMP
GND
VIN
3.3V
LOAD CURRENT (A)
0
100
75
95
85
90
80
70
1
1.8
0.6
1.4
4661 TA01b
2
0.8
1.6
0.4
1.2
0.2
VOUT = 5V


Similar Part No. - LTM8049

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTM8049 LINEAR-LTM8049 Datasheet
1Mb / 18P
Dual SEPIC or Inverting Module DC DC Converter
logo
Linear Technology
LTM8049 LINER-LTM8049 Datasheet
1Mb / 34P
EN55022B Compliant 58V, 24W Inverting-Output DC/DC 關Module Regulator
LTM8049 LINER-LTM8049 Datasheet
1Mb / 32P
EN55022B Compliant 58V, 4A Step-Down DC/DC 關Module Regulator
LTM8049 LINER-LTM8049 Datasheet
1Mb / 20P
Dual SEPIC or Inverting 關Module DC/DC Converter
LTM8049 LINER-LTM8049 Datasheet
896Kb / 20P
2.8VIN to 40VIN Isolated 關Module DC/DC Converter
More results

Similar Description - LTM8049

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4619 LINER-LTM4619 Datasheet
300Kb / 24P
Dual, 26VIN, 4A DC/DC 關Module Regulator
logo
Intersil Corporation
ISL97656 INTERSIL-ISL97656 Datasheet
428Kb / 8P
Integrated 4A Switch PWM Step-Up Regulator
April 2, 2010
logo
Linear Technology
LTM4624 LINER-LTM4624_15 Datasheet
381Kb / 26P
14VIN, 4A Step-Down DC/DC Module Regulator
LTM4624EY LINER-LTM4624EY Datasheet
464Kb / 6P
4A Step-Down 關Module Regulator
LTM4624 LINER-LTM4624 Datasheet
347Kb / 26P
14VIN, 4A Step-Down DC/DC 關Module Regulator
LTM4622A LINER-LTM4622A Datasheet
863Kb / 30P
Dual Ultrathin 2A or Single 4A Step-Down DC/DC 關Module Regulator
LTM4644EY LINER-LTM4644EY Datasheet
436Kb / 6P
Quad 4A Output Step-Down 關Module Regulator
LTM4653 LINER-LTM4653 Datasheet
1Mb / 32P
EN55022B Compliant 58V, 4A Step-Down DC/DC 關Module Regulator
logo
Renesas Technology Corp
ISL97656 RENESAS-ISL97656 Datasheet
617Kb / 9P
Step-Up Regulator with 4A Integrated Switch
logo
Microsemi Corporation
LX7180A MICROSEMI-LX7180A Datasheet
581Kb / 25P
4A Step-Down Regulator
June 2015 Rev. 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com