Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4601 Datasheet(PDF) 21 Page - Linear Technology

Part # LTM4601
Description  58V, 2A Step-Down 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4601 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTM4601 Datasheet HTML 16Page - Linear Technology LTM4601 Datasheet HTML 17Page - Linear Technology LTM4601 Datasheet HTML 18Page - Linear Technology LTM4601 Datasheet HTML 19Page - Linear Technology LTM4601 Datasheet HTML 20Page - Linear Technology LTM4601 Datasheet HTML 21Page - Linear Technology LTM4601 Datasheet HTML 22Page - Linear Technology LTM4601 Datasheet HTML 23Page - Linear Technology LTM4601 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LTM8050
21
8050fc
For more information www.linear.com/LTM8050
Pin Assignment Table
(Arranged by Pin Number)
PIN NAME
PIN NAME
PIN NAME
PIN NAME
PIN NAME
PIN NAME
A1 VOUT
B1 VOUT
C1 VOUT
D1 VOUT
E1 GND
F1 GND
A2 VOUT
B2 VOUT
C2 VOUT
D2 VOUT
E2 GND
F2 GND
A3 VOUT
B3 VOUT
C3 VOUT
D3 VOUT
E3 GND
F3 GND
A4 VOUT
B4 VOUT
C4 VOUT
D4 VOUT
E4 GND
F4 GND
A5 GND
B5 GND
C5 GND
D5 GND
E5 GND
F5 GND
A6 GND
B6 GND
C6 GND
D6 GND
E6 GND
F6 GND
A7 GND
B7 GND
C7 GND
D7 GND
E7 GND
F7 GND
PIN NAME
PIN NAME
PIN NAME
PIN NAME
PIN NAME
G1 GND
H1 -
J1 VIN
K1 VIN
L1 VIN
G2 GND
H2 -
J2 VIN
K2 VIN
L2 VIN
G3 GND
H3 -
J3 VIN
K3 VIN
L3 VIN
G4 GND
H4 -
J4 -
K4 -
L4 -
G5 AUX
H5 BIAS
J5 GND
K5 GND
L5 RUN/SS
G6 GND
H6 GND
J6 GND
K6 GND
L6 SYNC
G7 RT
H7 SHARE
J7 PGOOD K7 FB
L7 GND
PACKAGE DESCRIPTION
PACKAGE ROW AND COLUMN LABELING MAY VARY
AMONG µModule PRODUCTS. REVIEW EACH PACKAGE
LAYOUT CAREFULLY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com