Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4601 Datasheet(PDF) 4 Page - Linear Technology

Part # LTM4601
Description  58V, 2A Step-Down 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4601 Datasheet(HTML) 4 Page - Linear Technology

  LTM4601 Datasheet HTML 1Page - Linear Technology LTM4601 Datasheet HTML 2Page - Linear Technology LTM4601 Datasheet HTML 3Page - Linear Technology LTM4601 Datasheet HTML 4Page - Linear Technology LTM4601 Datasheet HTML 5Page - Linear Technology LTM4601 Datasheet HTML 6Page - Linear Technology LTM4601 Datasheet HTML 7Page - Linear Technology LTM4601 Datasheet HTML 8Page - Linear Technology LTM4601 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTM8050
4
8050fc
For more information www.linear.com/LTM8050
Operating conditions are per Table 1 and
TA = 25°C, unless otherwise noted.
76
78
92
84
88
94
80
86
90
82
0
0.5
1.0
1.5
2.0
8050 G04
12VIN
24VIN
36VIN
48VIN
OUTPUT CURRENT (A)
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs Output Current,
2.5VOUT
Efficiency vs Output Current,
3.3VOUT
Efficiency vs Output Current,
5VOUT
Efficiency vs Output Current,
8VOUT
Efficiency vs Output Current,
12VOUT
Efficiency vs Output Current,
18VOUT
Efficiency vs Output Current,
24VOUT
Efficiency, VOUT ≤ 2V, 2A Load,
BIAS = 5V
Input Current vs Output Current
2.5VOUT
60
80
70
75
90
85
65
0
0.5
1.0
1.5
2.0
8050 G01
5VIN
12VIN
24VIN
36VIN
48VIN
OUTPUT CURRENT (A)
60
80
70
75
85
65
0
0.5
1.0
1.5
2.0
8050 G02
12VIN
24VIN
36VIN
48VIN
OUTPUT CURRENT (A)
65
80
70
75
90
85
0
0.5
1.0
1.5
2.0
8050 G03
OUTPUT CURRENT (A)
12VIN
24VIN
36VIN
48VIN
OUTPUT CURRENT (A)
80
88
84
86
92
90
82
8050 G05
0
0.5
1.0
1.5
2.0
24VIN
36VIN
48VIN
OUTPUT CURRENT (A)
82
88
84
86
94
92
90
8050 G06
0
0.5
1.0
1.5
36VIN
48VIN
85
87
93
97
99
89
95
91
0
0.5
1.0
1.5
8050 G07
OUTPUT CURRENT (A)
36VIN
48VIN
45
75
55
65
80
60
70
50
1.00
1.25
1.50
1.75
2.00
8050 G08
VOUT (V)
5VIN
12VIN
24VIN
36VIN
48VIN
0
1.2
0.4
0.8
1.4
0.6
1.0
0.2
0
0.5
1.0
1.5
2.0
8050 G09
OUTPUT CURRENT (A)
5VIN
12VIN
24VIN
36VIN
48VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com