Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4601 Datasheet(PDF) 3 Page - Linear Technology

Part # LTM4601
Description  58V, 2A Step-Down 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4601 Datasheet(HTML) 3 Page - Linear Technology

  LTM4601 Datasheet HTML 1Page - Linear Technology LTM4601 Datasheet HTML 2Page - Linear Technology LTM4601 Datasheet HTML 3Page - Linear Technology LTM4601 Datasheet HTML 4Page - Linear Technology LTM4601 Datasheet HTML 5Page - Linear Technology LTM4601 Datasheet HTML 6Page - Linear Technology LTM4601 Datasheet HTML 7Page - Linear Technology LTM4601 Datasheet HTML 8Page - Linear Technology LTM4601 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTM8050
3
8050fc
For more information www.linear.com/LTM8050
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTM8050E is guaranteed to meet performance specifications
from 0°C to 125°C internal. Specifications over the full –40°C to
125°C internal operating temperature range are assured by design,
characterization and correlation with statistical process controls. The
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage
l
3.6
V
Output DC Voltage
0 < IOUT ≤ 2A; RFB Open
0 < IOUT ≤ 2A; RFB = 16.9k; VIN = 32V
0.8
24
V
V
Output DC Current
0
2
A
Quiescent Current into VIN
RUN/SS = 0V
Not Switching
BIAS = 0V, Not Switching
0.01
35
120
1
60
160
µA
µA
µA
Quiescent Current into BIAS
RUN/SS = 0V
Not Switching
BIAS = 0V, Not Switching
0.01
82
1
0.5
120
5
µA
µA
µA
Line Regulation
5.5V < VIN < 58V, IOUT = 1A
0.3
%
Load Regulation
0A < IOUT < 2A
0.3
%
Output Voltage Ripple (RMS)
0A < IOUT < 2A
10
mV
Switching Frequency
RT = 45.3k
750
kHz
Voltage (at FB Pin)
l
775
770
790
805
810
mV
mV
Internal Feedback Resistor
499
kΩ
Minimum BIAS Voltage for Proper Operation
2.8
V
RUN/SS Pin Current
RUN/SS = 2.5V
6
10
µA
RUN Input High Voltage
2.5
V
RUN Input Low Voltage
0.2
V
PGOOD Threshold (at FB Pin)
VOUT Rising
730
mV
PGOOD Leakage Current
PGOOD = 30V
0.1
1
µA
PGOOD Sink Current
PGOOD = 0.4V
200
600
µA
SYNC Input Low Threshold
fSYNC = 550kHz
0.5
V
SYNC Input High Threshold
fSYNC = 550kHz
0.7
V
SYNC Bias Current
SYNC = 0V
0.1
µA
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, RUN/SS = 12V, BIAS = 3V unless otherwise noted. (Note 2)
LTM8050I is guaranteed to meet specifications over the full –40°C
to 125°C internal operating temperature range. The LTM8050MP is
guaranteed to meet specifications over the full –55°C to 125°C internal
operating temperature range. Note that the maximum internal temperature
is determined by specific operating conditions in conjunction with board
layout, the rated package thermal resistance and other environmental
factors.
Note 3: Unless otherwise noted, the absolute minimum voltage is zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com