Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8301 Datasheet(PDF) 12 Page - Linear Technology

Part # LT8301
Description  2.8VIN to 40VIN Isolated 關Module DC/DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8301 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT8301 Datasheet HTML 8Page - Linear Technology LT8301 Datasheet HTML 9Page - Linear Technology LT8301 Datasheet HTML 10Page - Linear Technology LT8301 Datasheet HTML 11Page - Linear Technology LT8301 Datasheet HTML 12Page - Linear Technology LT8301 Datasheet HTML 13Page - Linear Technology LT8301 Datasheet HTML 14Page - Linear Technology LT8301 Datasheet HTML 15Page - Linear Technology LT8301 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LTM8067
12
8067fc
For more information www.linear.com/LTM8067
APPLICATIONS INFORMATION
Isolation, Working Voltage and Safety Compliance
The LTM8067 isolation is 100% hi-pot tested by tying
all of the primary pins together, all of the secondary pins
together and subjecting the two resultant circuits to a
high voltage differential for one second. This establishes
the isolation voltage rating of the LTM8067 component.
The isolation rating of the LTM8067 is not the same as
the working or operational voltage that the application
will experience. This is subject to the application’s power
source, operating conditions, the industry where the end
product is used and other factors that dictate design re-
quirementssuchasthegapbetweencopperplanes,traces
and component pins on the printed circuit board, as well
as the type of connector that may be used. To maximize
the allowable working voltage, the LTM8067 has two
columns of solder balls removed to facilitate the printed
circuit board design. The ball to ball pitch is 1.27mm, and
the typical ball diameter is 0.75mm. Accounting for the
missing columns and the ball diameter, the printed circuit
board may be designed for a metal-to-metal separation of
up to 3.06mm. This may have to be reduced somewhat to
allow for tolerances in solder mask or other printed circuit
board design rules. For those situations where informa-
tion about the spacing of LTM8067 internal circuitry is
required, the minimum metal to metal separation of the
primary and secondary is 1mm.
To reiterate, the manufacturer’s isolation voltage rating
and the required working or operational voltage are of-
ten different numbers. In the case of the LTM8067, the
isolation voltage rating is established by 100% hi-pot
testing. The working or operational voltage is a function
of the end product and its system level specifications. The
actual required operational voltage is often smaller than
the manufacturer’s isolation rating.
The LTM8067 is a UL recognized component under
UL 60950, file number 464570. The UL 60950 insula-
tion category of the LTM8067 transformer is Functional.
Considering UL 60950 Table 2N and the gap distances
stated above, 3.06mm external and 1mm internal, the
LTM8067 may be operated with up to 250V working
voltage in a pollution degree 2 environment. The actual
working voltage, insulation category, pollution degree and
other critical parameters for the specific end application
depend upon the actual environmental, application and
safety compliance requirements. It is therefore up to the
user to perform a safety and compliance review to ensure
that the LTM8067 is suitable for the intended application.
Safety Rated Capacitors
Some applications require safety rated capacitors, which
are high voltage capacitors that are specifically designed
and rated for AC operation and high voltage surges. These
capacitorsareoftencertifiedtosafetystandardssuchasUL
60950, IEC 60950 and others. In the case of the LTM8067,
a common application of a safety rated capacitor would
be to connect it from GND to VOUTN. To provide maximum
flexibility, the LTM8067 does not include any components
between GND and VOUTN. Any safety capacitors must be
added externally.
The specific capacitor and circuit configuration for any
application depends upon the safety requirements of
the system into which the LTM8067 is being designed.
Table 2 provides a list of possible capacitors and their
manufacturers. The application of a capacitor from GND
to VOUTN may also reduce the high frequency output noise
on the output.
Table 2. Safety Rated Capacitors
MANUFACTURER PART NUMBER
DESCRIPTION
Murata
Electronics
GA343DR7GD472KW01L
4700pF, 250V AC, X7R,
4.5mm × 3.2mm
Capacitor
Johanson
Dielectrics
302R29W471KV3E-****-SC 470pF, 250V AC, X7R,
4.5mm × 2mm
Capacitor
Syfer Technology 1808JA250102JCTSP
100pF, 250V AC, C0G,
1808 Capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com