Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8301 Datasheet(PDF) 2 Page - Linear Technology

Part # LT8301
Description  2.8VIN to 40VIN Isolated 關Module DC/DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8301 Datasheet(HTML) 2 Page - Linear Technology

  LT8301 Datasheet HTML 1Page - Linear Technology LT8301 Datasheet HTML 2Page - Linear Technology LT8301 Datasheet HTML 3Page - Linear Technology LT8301 Datasheet HTML 4Page - Linear Technology LT8301 Datasheet HTML 5Page - Linear Technology LT8301 Datasheet HTML 6Page - Linear Technology LT8301 Datasheet HTML 7Page - Linear Technology LT8301 Datasheet HTML 8Page - Linear Technology LT8301 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTM8067
2
8067fc
For more information www.linear.com/LTM8067
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, RUN, BIAS ........................................................42V
VOUT Relative to VOUTN .............................................25V
VIN + VOUT (Note 2)...................................................48V
GND to VOUT– Isolation (Note 3) ...........................2kVAC
Maximum Internal Temperature (Note 4) .............. 125°C
Peak Solder Reflow Body Temperature ................. 245°C
Storage Temperature.............................. –55°C to 125°C
(Note 1)
TOP VIEW
H
G
F
E
D
C
B
A
1
2
3
4
5
6
7
BANK 2
VOUTN
BANK 1
VOUT
BANK 4
GND
RUN
FB
BANK 5
VIN
BGA PACKAGE
38-LEAD (11.25mm
× 9mm × 4.92mm)
TJMAX = 125°C, θJA = 20.8°C/W, θJCbottom = 5.1°C/W, θJCtop = 18.4°C/W, θJB = 5.3°C/W
WEIGHT = 1.1g, θ VALUES DETERMINED PER JEDEC 51-9, 51-12
ORDER INFORMATION
PART NUMBER
PAD OR BALL FINISH
PART MARKING*
PACKAGE
TYPE
MSL
RATING
TEMPERATURE RANGE (SEE NOTE 4)
DEVICE
CODE
LTM8067EY#PBF
SAC305 (RoHS)
LTM8067Y
e1
BGA
3
–40°C to 125°C
LTM8067IY#PBF
SAC305 (RoHS)
LTM8067Y
e1
BGA
3
–40°C to 125°C
LTM8067IY
SnPb (63/37)
LTM8067Y
e0
BGA
3
–40°C to 125°C
Consult Marketing for parts specified with wider operating temperature
ranges. *Device temperature grade is indicated by a label on the shipping
container. Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Terminal Finish Part Marking:
www.linear.com/leadfree
• Recommended LGA and BGA PCB Assembly and Manufacturing
Procedures:
www.linear.com/umodule/pcbassembly
• LGA and BGA Package and Tray Drawings:
www.linear.com/packaging
http://www.linear.com/product/LTM8067#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com