Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8301 Datasheet(PDF) 3 Page - Linear Technology

Part # LT8301
Description  2.8VIN to 40VIN Isolated 關Module DC/DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8301 Datasheet(HTML) 3 Page - Linear Technology

  LT8301 Datasheet HTML 1Page - Linear Technology LT8301 Datasheet HTML 2Page - Linear Technology LT8301 Datasheet HTML 3Page - Linear Technology LT8301 Datasheet HTML 4Page - Linear Technology LT8301 Datasheet HTML 5Page - Linear Technology LT8301 Datasheet HTML 6Page - Linear Technology LT8301 Datasheet HTML 7Page - Linear Technology LT8301 Datasheet HTML 8Page - Linear Technology LT8301 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTM8067
3
8067fc
For more information www.linear.com/LTM8067
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: VIN + VOUT is defined as the sum of (VIN – GND) + (VOUT – VOUTN).
Note 3: The LTM8067 isolation test voltage of either 2kVAC or its
equivalent of 2.83kVDC is applied for one second.
Note 4: The LTM8067E is guaranteed to meet performance specifications
from 0°C to 125°C. Specifications over the –40°C to 125°C internal
temperature range are assured by design, characterization and correlation
The l denotes the specifications which apply over the full internal
operating temperature range, otherwise specifications are at TA = 25°C, RUN = 2V (Note 4).
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input DC Voltage
RUN = 2V
l
2.8
V
VOUT DC Voltage
RADJ = 15.4k
RADJ = 8.25k
RADJ = 1.78k
l
4.75
2.5
5
24
5.25
V
V
V
VIN Quiescent Current
VRUN = 0V
Not Switching
7
3
µA
mA
VOUT Line Regulation
3V ≤ VIN ≤ 40V, IOUT = 0.1A, RUN = 2V
1
%
VOUT Load Regulation
0.05A ≤ IOUT ≤ 0.3A, RUN = 2V
1
%
VOUT Ripple (RMS)
IOUT = 0.1A, 1MHz BW
30
mV
Isolation Voltage
(Note 3)
2
kV
Input Short-Circuit Current
VOUT Shorted
80
mA
RUN Pin Input Threshold
RUN Pin Falling
1.18
1.214
1.25
V
RUN Pin Current
VRUN = 1V
VRUN = 1.3V
2.5
0.1
µA
µA
with statistical process controls. LTM8067I is guaranteed to meet
specifications over the full –40°C to 125°C internal operating temperature
range. Note that the maximum internal temperature is determined by
specific operating conditions in conjunction with board layout, the rated
package thermal resistance and other environmental factors.
Test flowcharts are posted for viewing at:
www.linear.com/quality



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com