Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3366GC Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP3366GC
Description  6 Strings Boost White LED Driver Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3366GC Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP3366GC Datasheet HTML 1Page - Monolithic Power Systems MP3366GC Datasheet HTML 2Page - Monolithic Power Systems MP3366GC Datasheet HTML 3Page - Monolithic Power Systems MP3366GC Datasheet HTML 4Page - Monolithic Power Systems MP3366GC Datasheet HTML 5Page - Monolithic Power Systems MP3366GC Datasheet HTML 6Page - Monolithic Power Systems MP3366GC Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
EV3366-C-00A 6 STRINGS WHITE LED DRIVER
EV3366-C-00A Rev.1.1
www.MonolithicPower.com
2
8/2/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
EV3366-C-00A EVALUATION BOARD
(L x W x H) 5cm x 4cm x 1.0cm
Board Number
MPS IC Number
EV3366-C-00A
MP3366GC
EVALUATION BOARD SCHEMATIC
LED6
LED3
LED4
LED5
LED1
LED2
LED+
OVP
D1
LED1
F3
AGND
A2
COMP
C1
LED2
D2
EN
A1
PGND
PWM
A3
PGND F2 E2
*
MP3366
PGND
PWM DIM
EN
GND
VIN
PGND
PGND
PGND
PGND
AGND
806
R5
NC
R1
NC
C4
100pF
C6
C2
NC
C5
L1
C1
100nF
C7
C10
680pF
324k
R2
F1
10k
R4
DFLS160
D1
C3
0
R3
JP1
470nF
C8
AGND
AGND
2k
R14
2k
R7
100k
R8
100k
R6
AGND
AGND
60.4k
R16
0
R12
0
R9
0
R11
0
R15
0
R10
0
R13
PGND
AGND



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com