Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3366GC Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP3366GC
Description  6 Strings Boost White LED Driver Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3366GC Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP3366GC Datasheet HTML 1Page - Monolithic Power Systems MP3366GC Datasheet HTML 2Page - Monolithic Power Systems MP3366GC Datasheet HTML 3Page - Monolithic Power Systems MP3366GC Datasheet HTML 4Page - Monolithic Power Systems MP3366GC Datasheet HTML 5Page - Monolithic Power Systems MP3366GC Datasheet HTML 6Page - Monolithic Power Systems MP3366GC Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
EV3366-C-00A 6 STRINGS WHITE LED DRIVER
EV3366-C-00A Rev.1.1
www.MonolithicPower.com
3
8/2/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
EV3366-C-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer
Part Number
1
C1
4.7μF
Ceramic
Capacitor,
50V, X7R
1210
Murata
GRM32ER71H475KA8
2
C2,C3
2.2μF
Ceramic
Capacitor,
50V, X7R
1206
Murata
GJ8319R61H225K
3
C4,C5,C
9
NC
1
C6
100pF
Ceramic Capacitor, 50V
0603
Murata
GRM1885C1H101JA01D
1
C7
100nF
Ceramic
Capacitor,
16V, X7R
0603
Murata
GCJ188R71H104KA12D
1
C8
0.47μF
Ceramic
Capacitor,
16V, X5R
0603
Murata
GRM188R71C47KA88D
1
C10
680pF
Ceramic
Capacitor,
50V, X7R
0603
Murata
GRM188R71H681KA01D
1
D1
B160
Diode Schottky, 60V,
1A
SMA
Diodes Inc
B160
1
L1
10μH
Inductor,DCR=80Ω
SMD
WURTH
7440700100
1
F1
0Ω
Resistor, 1%
1206
Yageo
RC1206JR-070RL
1
R1
NC
1
R2
324kΩ
Resistor, 1%
0603
Yageo
RC0603FR-07324KL
8
JP1,R3,R
9,R10,
R11,R12,
R13,R15
0Ω
Resistor, 1%
0603
Yageo
RC0603JR-070RL
1
R4
10kΩ
Resistor, 1%
0603
Yageo
RC0603FR-0710KL
1
R5
806Ω
Resistor, 1%
0603
Yageo
RC0603FR-07806RL
2
R6,R8
100kΩ
Resistor, 1%
0603
Yageo
RC0603JR-07100KL
2
R7,R14
2kΩ
Resistor, 5%
0603
Yageo
RC0603JR-0702KL
1
R16
60.4kΩ
Resistor, 1%
0603
Yageo
RC0603FR-0760K4L
1
U1
LED Driver IC
CSP18
MPS
MP3366, R6
11
VIN,GND
,EN,PW
MDIM,LE
D+,LED1
,LED2,LE
D3,LED4
,LED5,LE
D6
bend
terminal
Connector
单排,
2.54mm,90 度



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com