Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3366GC Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3366GC
Description  6 Strings Boost White LED Driver Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3366GC Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3366GC Datasheet HTML 1Page - Monolithic Power Systems MP3366GC Datasheet HTML 2Page - Monolithic Power Systems MP3366GC Datasheet HTML 3Page - Monolithic Power Systems MP3366GC Datasheet HTML 4Page - Monolithic Power Systems MP3366GC Datasheet HTML 5Page - Monolithic Power Systems MP3366GC Datasheet HTML 6Page - Monolithic Power Systems MP3366GC Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
EV3366-C-00A
6 Strings Boost White LED Driver
Evaluation Board
EV3366-C-00A Rev.1.1
www.MonolithicPower.com
1
8/2/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP3366 is a step-up converter with 6-
channel current sources. It is designed for
driving the white LED arrays as backlighting of
mid- or larger- sized LCD panel.
The MP3366 uses peak-current mode as its
PWM
control
architecture.
The
switching
frequency can be programmed by a resistor. It
generates an output voltage up to 45V from a
3V to 25V input supply. The MP3366
independently regulates the current in each
LED string to the value set by an external
current-setting resistor.
The MP3366 applies 6 internal current sources
in each LED string terminal to achieve a current
balance with 1.5% current regulation accuracy
between strings. Its low 500mV regulation
voltage on LED current sources reduces power
loss.
The MP3366 features external digital PWM
dimming and analog dimming, both of which
sharing a single input with 25% PWM duty cycle
as a transfer point. The mix-dimming strategy
helps to improve the dimming ratio. Also,
MP3366 automatically transfers the PWM input
signal 100Hz to 20kHz frequency to 23.5kHz to
29.5kHz to eliminate the audible noise.
MP3366
has
rich
protection
modes
to
guarantee safety operation. The protection
modes include recoverable OCP (over-current
protection), OVP (over-voltage protection), OTP
(over-temperature protection), any string of LED
short and open protection.
The
MP3366
is
available
in
CSP-
18(1.35mmX2.55mm) package.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input Voltage
VIN
3 – 25
V
Output Voltage
VLED
<50
V
LEDs #
6 string
LED Current
ILED
20/string
mA
FEATURES
 6-String, Max 45mA/String
 3V to 25V Input Voltage Range
 1.5% Current Matching Accuracy Between
Strings
 600kHz Switching Frequency
 Combined Analog and PWM Dimming Mode
with 25% Dimming Transfer Point
 23.5kHz to 29.5kHz Output Dimming
Frequency to eliminate audible noise
 Programmable Over-Voltage Protection
 Recoverable Thermal Shutdown Protection
 Cycle by Cycle Over Current Protection
 Under-Voltage Lockout
 Available in a WLCSP-18(1.35X2.55mm)
Package
APPLICATIONS
 Tablets
 NBs
 Handy Terminals Display
All MPS parts are lead-free, halogen free, and adhere to the RoHS directive. For
MPS green status, please visit MPS website under Quality Assurance. “MPS”
and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.


Similar Part No. - MP3366GC

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3360 MPS-MP3360 Datasheet
324Kb / 8P
Highly Integrated Photo Flash Charger and IGBT Driver
MP3360DG MPS-MP3360DG Datasheet
235Kb / 6P
Integrated Photo Flash Changer IGBT Driver EV Board
MP3361 MPS-MP3361 Datasheet
177Kb / 7P
300V, 1A Peak, Integrated Photo Flash Charger and IGBT Driver
MP3361DK MPS-MP3361DK Datasheet
321Kb / 6P
Integrated Photo Flash Changer IGBT Driver EV Board
MP3362 MPS-MP3362 Datasheet
721Kb / 17P
Single-String, 3V Minimum VIN, 36V VOUT, Boost LED Driver
Rev. 1.1 2/22/2023
More results

Similar Description - MP3366GC

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV3394ES-00A MPS-EV3394ES-00A Datasheet
181Kb / 5P
4 strings 120mA White LED Driver Evaluation Board
EV3394S-S-00A MPS-EV3394S-S-00A Datasheet
289Kb / 6P
4 strings 120mA White LED Driver Evaluation Board
EV3398A-S-00A MPS-EV3398A-S-00A Datasheet
591Kb / 6P
4 strings 350mA White LED Driver Evaluation Board
EV3399EF-00A MPS-EV3399EF-00A Datasheet
261Kb / 5P
24 strings White LED Driver Evaluation Board
EV3399EY-00A MPS-EV3399EY-00A Datasheet
260Kb / 5P
24 strings White LED Driver Evaluation Board
EV3387L-RT-00A MPS-EV3387L-RT-00A Datasheet
595Kb / 6P
6 strings Boost White LED Driver Evaluation Board
EV3388DR-00A MPS-EV3388DR-00A Datasheet
157Kb / 4P
8 strings White LED Driver Evaluation Board
EV3388DR-01A MPS-EV3388DR-01A Datasheet
374Kb / 6P
8 strings White LED Driver Evaluation Board
EV3389EF-00A MPS-EV3389EF-00A Datasheet
194Kb / 5P
12 strings White LED Driver Evaluation Board
EV3389EY-00A MPS-EV3389EY-00A Datasheet
147Kb / 4P
12 strings White LED Driver Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com