Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3378EGF Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP3378EGF
Description  4-Channel WLED Controller With High-Efficiency Buck Converter Evalution Board
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3378EGF Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP3378EGF Datasheet HTML 1Page - Monolithic Power Systems MP3378EGF Datasheet HTML 2Page - Monolithic Power Systems MP3378EGF Datasheet HTML 3Page - Monolithic Power Systems MP3378EGF Datasheet HTML 4Page - Monolithic Power Systems MP3378EGF Datasheet HTML 5Page - Monolithic Power Systems MP3378EGF Datasheet HTML 6Page - Monolithic Power Systems MP3378EGF Datasheet HTML 7Page - Monolithic Power Systems MP3378EGF Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
EV3378E-F-00A – 4-CHANNEL WLED DRIVER WITH BUCK CONVERTER
PRELIMINARY SPECIFICATIONS SUBJECT TO CHANGE
EV3378E-F-00A Rev.1.0
www.MonolithicPower.com
2
2/17/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
Preliminary Specifications Subject to Change
© 2016 MPS. All Rights Reserved.
EV3378E-F-00A EVALUATION BOARD
(L x W x H) 5.9cm x 8.4cm x 2cm
Board Number
MPS IC Number
EV3378E-F-00A
MP3378EGF
EVALUATION BOARD SCHEMATIC
10
R3
NC
R1
0
R9
1
VIN
1
GND1
1
EN1
1
PWM-DIM
4.7uF
C4
NC
C5
220uF
C1
GND1
2
1
F1
GND1
33uH/3.2A
1
2
L1
1
2
D1
NC
C7
2.2uF
C2
22uF/100V
C6
2.2uF
C3
357K
R2
10K
R4
100pF
C8
1
LED
1
LED1
1
LED2
1
LED3
1
LED4
0
R12
0
R13
0
R15
10
R5
4
1, 2, 3
5, 6, 7, 8
M1
100V/4A
2K
R16
100K
R18
GND1
NC
C12
100K
R14
GND1
226K
R10
GND1
2K
R8
100K
R11
GND1
470nF
C9
270
R7
470nF
C10
GND1
50m
R6
8V-24V
12S 4P 120mA/string
NC
C11
8.45K
R17
NC
C13
0
R19
NC
C14
2K
R20
1
A-DIM
2K
R21
NC
C15
ISET
3
PWM
28
OSC
2
EN1
27
COMP
26
VCC1
25
VIN1
24
LED4
5
LED3
6
LED2
7
LED1
8
OVP
9
GND1
1
ISENSE
22
GATE
23
ADIM
4
VIN2
15
SYNC
21
BST
20
SW
16
FB
12
VCC2
14
EN2
13
GND2
17
GND2
18
NC
10
NC
11
AGND
19
U1
MP3378E
NC
C16A
GND1
GND1
GND1
GND1
GND1
GND1
GND2
100nF
C17
1K
R22
10K
R23
GND2
100nF
C18
GND2
100K
R24
NC
C19
GND2
47
R25
100nF
C20
10uH
L2
1
Vout
5V/2A
GND2
51K
R26
40.2K
R27
7.68K
R28
GND2
1
GND2
GND2
15pF
C22
0
R29
GND2
NC
C23
2K
R30
GND2
604
R31
IN
IN
22uF
C16
22uF
C21
22uF
C21A
Gate
Gate
0
R32
22uF
C21B
1
EN2
GND1
GND2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com