Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3378EGF Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP3378EGF
Description  4-Channel WLED Controller With High-Efficiency Buck Converter Evalution Board
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3378EGF Datasheet(HTML) 6 Page - Monolithic Power Systems

  MP3378EGF Datasheet HTML 1Page - Monolithic Power Systems MP3378EGF Datasheet HTML 2Page - Monolithic Power Systems MP3378EGF Datasheet HTML 3Page - Monolithic Power Systems MP3378EGF Datasheet HTML 4Page - Monolithic Power Systems MP3378EGF Datasheet HTML 5Page - Monolithic Power Systems MP3378EGF Datasheet HTML 6Page - Monolithic Power Systems MP3378EGF Datasheet HTML 7Page - Monolithic Power Systems MP3378EGF Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
EV3378E-F-00A – 4-CHANNEL WLED DRIVER WITH BUCK CONVERTER
PRELIMINARY SPECIFICATIONS SUBJECT TO CHANGE
EV3378E-F-00A Rev.1.0
www.MonolithicPower.com
6
2/17/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
Preliminary Specifications Subject to Change
© 2016 MPS. All Rights Reserved.
EVB TEST RESULTS
Performance waveforms are tested on the evaluation board.
Buck Converter Section:
VIN = 16V, VOUT=5V, L2=10μH, TA = 25°C, unless otherwise noted.
Power Up
IOUT=0A
Power Off
IOUT=2A
EN Power On
Power Off
IOUT=0A
VOUT/AC
20mV/div.
VD2D_SW
10V/div.
VBL_SW
20V/div.
IL_D2D
2A/div.
VOUT
5V/div.
VD2D_SW
10V/div.
VEN2
5V/div.
IL_D2D
1A/div.
VOUT
5V/div.
VD2D_SW
10V/div.
VEN2
5V/div.
IL_D2D
1A/div.
VOUT/AC
20mV/div.
VD2D_SW
10V/div.
VBL_SW
20V/div.
IL_D2D
200mA/div.
VOUT
5V/div.
VBL_SW
20V/div.
VD2D_SW
10V/div.
IL_D2D
2A/div.
VOUT
5V/div.
VBL_SW
20V/div.
VD2D_SW
10V/div.
IL_D2D
500mA/div.
VOUT
5V/div.
VBL_SW
20V/div.
VD2D_SW
10V/div.
IL_D2D
2A/div.
VOUT
2V/div.
VBL_SW
20V/div.
VD2D_SW
5V/div.
IL_D2D
500mA/div.
Output Ripple
IOUT=2A
Output Ripple
IOUT=0A
Power Up
IOUT=2A
EN Power Off
Transient Response
IOUT=1A to 2A
VOUT/AC
100mV/div.
VD2D_SW
20V/div.
VBL_SW
20V/div.
IOUT
1A/div.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com