Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3378EGF Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3378EGF
Description  4-Channel WLED Controller With High-Efficiency Buck Converter Evalution Board
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3378EGF Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3378EGF Datasheet HTML 1Page - Monolithic Power Systems MP3378EGF Datasheet HTML 2Page - Monolithic Power Systems MP3378EGF Datasheet HTML 3Page - Monolithic Power Systems MP3378EGF Datasheet HTML 4Page - Monolithic Power Systems MP3378EGF Datasheet HTML 5Page - Monolithic Power Systems MP3378EGF Datasheet HTML 6Page - Monolithic Power Systems MP3378EGF Datasheet HTML 7Page - Monolithic Power Systems MP3378EGF Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
EV3378E-F-00A
4-Channel WLED Controller
With High-Efficiency Buck Converter
Evalution Board
PRELIMINARY SPECIFICATIONS SUBJECT TO CHANGE
EV3378E-F-00A Rev.1.0
www.MonolithicPower.com
1
2/17/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
Preliminary Specifications Subject to Change
© 2016 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP3378E is a one-chip solution specially
designed
for
monitor
applications.
The
MP3378E includes a step-up WLED controller
with four current channels for backlighting, and
a high efficiency buck converter for internal bus
voltage or standby power.
The 4-string WLED controller drives an external
MOSFET to boost up the output voltage from
the input supply. It regulates the current in each
LED string to the programmed value set by an
external current setting resistor. It supports both
analog and PWM dimming independently to
meet special dimming mode request. Full
protection features for the WLED controller
include OCP, OTP, UVP, OVP, LED short/open
protection, inductor/diode short protection.
The high-efficiency buck converter operates in
the current mode operation with a built-in
MOSFET and a built-in synchronous rectifier. It
offers a very compact solution to achieve
excellent
load
and
line
regulation.
Full
protection features for the buck converter
include OCP and thermal shutdown.
The MP3378E is available in a TSSOP-28EP
package.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input
Voltage
VIN
8– 24
V
LEDs #
4 LED strings
10 LEDs/string
LED Current
ILED
120/string
mA
IOUT Current
(buck)
IOUT
2
A
FEATURES
WLED Driver:
• 4-String,
Max
350mA/String,
WLED
Controller
• Up to 24V Input Voltage Range
• 2.5% Current Matching Accuracy
• Programmable Switching Frequency
• PWM and Analog Dimming Mode
• LED Open and Short Protection
• Programmable Over-Voltage Protection
• Recoverable Thermal Shutdown Protection
• Over-Current Protection
• Over-Temperature Protection
• Inductor/Diode short Protection
Buck Converter:
• 144mΩ/58mΩ Low RDS(on) Internal Power
MOSFETs
• Low Quiescent Current
• Fixed 235kHz Switching Frequency
• Frequency Sync from 250kHz to 2MHz
External Clock
• Internal Soft Start
• OCP and Hiccup Mode
• Over-Temperature Protection
• Output Adjustable from 0.8V
APPLICATIONS
• Desktop LCD Flat Panel Displays
• Flat Panel Video Displays
• 2D/3D LCD TVs and Monitors
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.


Similar Part No. - MP3378EGF

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3378EGF MPS-MP3378EGF Datasheet
1Mb / 23P
4-Channel WLED Controller with High-Efficiency Buck Converter
More results

Similar Description - MP3378EGF

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2860_P MICREL-MIC2860_P Datasheet
518Kb / 12P
High Efficiency 2 Channel WLED Driver with PWM Control
logo
Linear Technology
LTC3780 LINER-LTC3780_15 Datasheet
629Kb / 30P
High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
logo
Dialog Semiconductor
PV88090 DIALOG-PV88090 Datasheet
1Mb / 42P
High Efficiency 3-Channel Buck Converter with dual LDO
logo
Monolithic Power System...
MP3378 MPS-MP3378 Datasheet
1Mb / 25P
24 V, 4-Channel WLED Controller Plus High-Efficiency Buck Converter
EV3398E-F-00A MPS-EV3398E-F-00A Datasheet
392Kb / 6P
4 strings WLED Controller With 80V Return Evaluation Board
EV3398E-U-00A MPS-EV3398E-U-00A Datasheet
757Kb / 6P
4 strings WLED Controller With 80V Return Evaluation Board
EV3378-S-00A MPS-EV3378-S-00A Datasheet
356Kb / 8P
4 Strings, Step Up WLED Controller Plus High Efficiency Step down Converter
EV3385-R-00A MPS-EV3385-R-00A Datasheet
634Kb / 8P
4 String WLED Controller With I2C Interface Evaluation Board
MP3378E MPS-MP3378E Datasheet
1Mb / 23P
4-Channel WLED Controller with High-Efficiency Buck Converter
logo
Renesas Technology Corp
PV88090 RENESAS-PV88090 Datasheet
1Mb / 43P
High Efficiency 3-Channel Buck Converter with dual LDO
04-Aug-2017
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com