Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3378GS Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP3378GS
Description  4 Strings, Step Up WLED Controller Plus High Efficiency Step down Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3378GS Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP3378GS Datasheet HTML 1Page - Monolithic Power Systems MP3378GS Datasheet HTML 2Page - Monolithic Power Systems MP3378GS Datasheet HTML 3Page - Monolithic Power Systems MP3378GS Datasheet HTML 4Page - Monolithic Power Systems MP3378GS Datasheet HTML 5Page - Monolithic Power Systems MP3378GS Datasheet HTML 6Page - Monolithic Power Systems MP3378GS Datasheet HTML 7Page - Monolithic Power Systems MP3378GS Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
EV3378-S-00A – 4-CHANNEL WLED CONTROLLER PLUS BUCK CONVERTER
EV3378-S-00A Rev.1.0
www.MonolithicPower.com
3
2/2/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
EV3378-S-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package Manufacturer Part Number
1
C1
220μF
Electrolytic Capacitor;
35V;Electrolytic;DIP;
DIP
江海
CD110-35V220
2
C2,
C3
2.2μF
Ceramic Capacitor;
100V;X7R;1210;
1210
muRata
GRM32ER72A225KA35L
1
C4
4.7μF
Ceramic Capacitor;
50V;X7R;
1210
TDK
C3225X7R1H475K
1
C6
22μF
/100V
22u;100V;
DIP
江海
CD263-100V22'
1
C8
100pF
Ceramic Capacitor;
50V;C0G;0603;
0603
muRata
GRM1885C1H101JA01D
1
C9
470nF
Ceramic Capacitor;
16V;X7R;
0805
muRata
GRM21BR61C474KA01L
1
C10
470nF
Ceramic Capacitor;
16V;X7R;0603;
0603
TDK
C1608X7R1C474K
1
C16
22μF
Ceramic Capacitor;
25V;X5R;
1206
muRata
GRM31CR61E226KE15
3
C17,
C18,
C20
100nF
Ceramic Capacitor;
25V;X7R;0603;
0603
muRata
GRM188R71E104KA01D
1
C19
1nF
Ceramic Capacitor;
50V;C0G;0603;
0603
muRata
GRM1885C1H102JA01D
3
C21,
C21A,
C21B
22μF
Ceramic Capacitor;
6.3V;X5R;1206
1206
TDK
C3216X5R0J226M
1
C22
15pF
Ceramic Capacitor;
50V;C0G;0603;
0603
TDK
C1608C0G1H150J
1
C5
NC
1210
6
C7,
C11,
C12,
C13,
C14,
C15
NC
0603
1
C16A
NC
1206
1
C23
NC
DIP
1
D1
B160
Schottky Diode;60V;1A;
SMA
Diodes
B160
1
F1
0429005.
WRM
Fuse;24V;5A;
1206
littlefuse
0429005.WRM
1
L1
33μH
/3.5A
Inductor;33uH;33m;3.5A;
SMD
Wurth
744314101
1
L2
10μH
Inductor;10uH;36m;3.2A;
SMD
TMP
SPC-08045-100GP
1
M1
AM4490N
N-Channel Mosfet;
100V;92;12.5;5.2;
SO-8
Analog Power AM4490N
1
R2
357k
Film Resistor;1%;
0603
Yageo
RC0603FR-07357KL
1
R3
10
Film Resistor;1%;
0603
Yageo
RC0603FR-0710RL
2
R4,
R23
10k
Resistor;1%;
0603
Yageo
RC0603FR-0710KL



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com