Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3378GS Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP3378GS
Description  4 Strings, Step Up WLED Controller Plus High Efficiency Step down Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3378GS Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP3378GS Datasheet HTML 1Page - Monolithic Power Systems MP3378GS Datasheet HTML 2Page - Monolithic Power Systems MP3378GS Datasheet HTML 3Page - Monolithic Power Systems MP3378GS Datasheet HTML 4Page - Monolithic Power Systems MP3378GS Datasheet HTML 5Page - Monolithic Power Systems MP3378GS Datasheet HTML 6Page - Monolithic Power Systems MP3378GS Datasheet HTML 7Page - Monolithic Power Systems MP3378GS Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
EV3378-S-00A – 4-CHANNEL WLED CONTROLLER PLUS BUCK CONVERTER
EV3378-S-00A Rev.1.0
www.MonolithicPower.com
4
2/2/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
EV3378-S-00A BILL OF MATERIALS (continued)
Qty
Ref
Value
Description
Package
Manufacturer
Part Number
7
R5, R9,
R12,
R13,
R15,
R19,
R29
0
Film Res; 1%;
0603
Yageo
RC0603FR-070RL
1
R6
50m
Film Resistor;1%;
1206
Yageo
RL1206FR-070R05L
1
R7
270
Film Resistor;1%;
0603
Yageo
RC0603FR-07270RL
4
R8,
R16,
R20,
R21
2k
Film Resistor;1%;
0603
Yageo
RC0603FR-072KL
1
R10
226k
Film Resistor;1%;
0603
Yageo
RC0603FR-07226KL
3
R11,
R14,
R18
100k
Film Resistor;1%;
0603
Yageo
RC0603FR-07100KL
1
R17
8.45k
Film Resistor;1%;
0603
Yageo
RC0603FR-078K45L
1
R22
1k
Film Resistor;1%;
0603
Yageo
RC0603FR-071KL
1
R24
75k
Film Resistor;1%;
0603
Yageo
RC0603FR-0775KL
1
R25
47
Film Resistor;1%;
0603
Yageo
RC0603FR-0747RL
1
R26
51k
Film Resistor;1%;
0603
SYNTON-
TECH
RC0603FR-0751KL
1
R27
40.2k
Film Resistor;1%;
0603
Yageo
RC0603FR-0740K2L
1
R28
7.68k
Film Resistor;1%
0603
Yageo
RC0603FR-077K68L
1
R31
604
Film Resistor;1%
0603
Yageo
RC0603FR-07604RL
1
R32
0
Resistor;1%;1/4W;
1206
Yageo
RC1206FR-070RL
1
R1,R30
NC
Film Res; 1%
0603
1
U1
MP3378
SOIC28
MPS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com