Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3378GS Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3378GS
Description  4 Strings, Step Up WLED Controller Plus High Efficiency Step down Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3378GS Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3378GS Datasheet HTML 1Page - Monolithic Power Systems MP3378GS Datasheet HTML 2Page - Monolithic Power Systems MP3378GS Datasheet HTML 3Page - Monolithic Power Systems MP3378GS Datasheet HTML 4Page - Monolithic Power Systems MP3378GS Datasheet HTML 5Page - Monolithic Power Systems MP3378GS Datasheet HTML 6Page - Monolithic Power Systems MP3378GS Datasheet HTML 7Page - Monolithic Power Systems MP3378GS Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
EV3378-S-00A
4 Strings, Step Up WLED Controller
Plus High Efficiency Step down Converter
EV3378-S-00A Rev.1.0
www.MonolithicPower.com
1
2/2/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP3378 is a one-chip solution, specially
designed
for
monitor
applications,
which
includes a step-up controller with 4 current
channels for backlight and a high efficiency
buck converter for internal bus voltage or
standby power.
The 4-string WLED controller drives an external
MOSFET to boost up the output voltage from
the input supply. It regulates the current in each
LED string to the programmed value set by an
external current setting resistor. It can support
both analog and PWM dimming independently
to meet the special dimming mode request. In
addition, rich protection modes are also
integrated including OCP, OTP, UVP, OVP,
LED short/open protection, inductor/diode short
protection.
The high efficiency buck converter operates in
the current mode operation with built in
MOSFET and synchronous rectifier. It offers a
very compact solution to achieve excellent load
and line regulation. Full protection features
include OCP and thermal shut down.
The MP3378 is available in SOIC28 package.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input
Voltage
VIN
8– 24
V
LEDs #
4 LED strings
10 LEDs/string
LED Current
ILED
120/string
mA
IOUT Current
(buck)
IOUT
2
A
FEATURES
WLED Controller:
 4-String,
Max
350mA/String
WLED
Controller
 Up to 24V Input Voltage Range
 2.5% Current Matching Accuracy
 Programmable Switching Frequency
 PWM and Analog Dimming Mode
 LED Open and Short LED Protection
 Programmable Over-Voltage Protection
 Recoverable thermal Shutdown Protection
 Over Current Protection
 Over Temperature Protection
 Inductor/Diode short Protection
Buck Converter:
 90mΩ/40mΩ Low Rds(on) Internal Power
MOSFETs
 Low Quiescent Current
 Fixed 233kHz Switching Frequency
 Frequency Sync from 250kHz to 2MHz
External Clock
 AAM Power Save Mode
 Internal Soft Start
 OCP Protection and Hiccup
 Over Temperature Protection
 Output Adjustable from 0.8V
APPLICATIONS
 LCD Monitors
All MPS parts are lead-free, halogen free, and adhere to the RoHS
directive. For MPS green status, please visit MPS website under Quality
Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered
Trademarks of Monolithic Power Systems, Inc.


Similar Part No. - MP3378GS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3378GF MPS-MP3378GF Datasheet
1Mb / 25P
24 V, 4-Channel WLED Controller Plus High-Efficiency Buck Converter
MP3378GY MPS-MP3378GY Datasheet
1Mb / 25P
24 V, 4-Channel WLED Controller Plus High-Efficiency Buck Converter
More results

Similar Description - MP3378GS

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT6359 ACTIVE-SEMI-ACT6359_08 Datasheet
236Kb / 8P
High-Efficiency, 40V Step-Up WLED Bias Supplies
Rev0, 13-May-08
ACT6360 ACTIVE-SEMI-ACT6360_11 Datasheet
233Kb / 9P
High-Efficiency, 40V Step-Up WLED Bias Supplies
Rev 1, 14-Feb-11
logo
SG Micro Corp
SGM3727 SGMICRO-SGM3727 Datasheet
367Kb / 13P
High Efficiency 38V Step-Up WLED Driver
logo
STMicroelectronics
AN2815 STMICROELECTRONICS-AN2815 Datasheet
2Mb / 42P
High-efficiency step-down controller
20-Aug-2008
AN2816 STMICROELECTRONICS-AN2816 Datasheet
2Mb / 36P
High-efficiency step-down controller
20-Aug-2008
logo
Texas Instruments
TPS62510 TI1-TPS62510_16 Datasheet
1Mb / 28P
High Efficiency Step-Down Converter
logo
Richtek Technology Corp...
RT8092 RICHTEK-RT8092 Datasheet
327Kb / 27P
High Efficiency Step-Down Converter
logo
Monolithic Power System...
MP3373 MPS-MP3373 Datasheet
678Kb / 20P
8 Strings, Step Up WLED Controller with External Transistor
EV3373-M-00A MPS-EV3373-M-00A Datasheet
613Kb / 7P
8 Strings, Step Up WLED Controller with External Transistor
logo
Leadtrend Technology
LD5805 LEADTREND-LD5805 Datasheet
756Kb / 18P
Step up, 4 strings, Max. 250mA/string, Multi-dimming mode WLED Backlight Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com