Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-E65F Datasheet(PDF) 16 Page - OSRAM GmbH

Part # LS-E65F
Description  white P-LCC-4 package, colorless clear resin
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LS-E65F Datasheet(HTML) 16 Page - OSRAM GmbH

Back Button LS-E65F Datasheet HTML 11Page - OSRAM GmbH LS-E65F Datasheet HTML 12Page - OSRAM GmbH LS-E65F Datasheet HTML 13Page - OSRAM GmbH LS-E65F Datasheet HTML 14Page - OSRAM GmbH LS-E65F Datasheet HTML 15Page - OSRAM GmbH LS-E65F Datasheet HTML 16Page - OSRAM GmbH LS-E65F Datasheet HTML 17Page - OSRAM GmbH LS-E65F Datasheet HTML 18Page - OSRAM GmbH LS-E65F Datasheet HTML 19Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
2011-07-19
16
LS E65F, LA E65F, LY E65F
Barcode-Produkt-Etikett (BPL)
Barcode-Product-Label (BPL)
Gurtverpackung
Tape and Reel
Tape dimensions in mm (inch)
W
P
0
P
1
P
2
D
0
E
F
4 ± 0.1
(0.157 ± 0.004)
8 ± 0.1
(0.315 ± 0.004)
2 ± 0.05
(0.079 ± 0.002)
1.5 + 0.1
(0.059 + 0.004)
1.75 ± 0.1
(0.069 ± 0.004)
5.5 ± 0.05
(0.217 ± 0.002)
Reel dimensions in mm (inch)
A
W
Nmin
W1
W2 max
330 (13)
12 (0.472)
60 (2.362)
12.4 + 2 (0.488 + 0.079)
18.4 (0.724)
OHA04563
(G) GROUP:
1234567890
(1T) LOT NO:
(9D) D/C:
1234
(X) PROD NO:
123456789
(6P) BATCH NO:
1234567890
LX XXXX
RoHS Compliant
BIN1: XX-XX-X-XXX-X
ML
2
Temp
ST
260 °C R
Pack: R18
DEMY
022
B_R999_1880.1642 R
9999
(Q)QTY:
Semiconductors
OSRAM Opto
XX-XX-X-X
D0
2
P
P0
1
P
Direction of unreeling
W1
2
W
OHAY0324
Label
Gurtvorlauf:
Leader:
Trailer:
Gurtende:
Direction of unreeling
160 mm
160 mm
400 mm
400 mm
12+ 0.3
– 0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com