Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-E65F Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LS-E65F
Description  white P-LCC-4 package, colorless clear resin
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LS-E65F Datasheet(HTML) 5 Page - OSRAM GmbH

  LS-E65F Datasheet HTML 1Page - OSRAM GmbH LS-E65F Datasheet HTML 2Page - OSRAM GmbH LS-E65F Datasheet HTML 3Page - OSRAM GmbH LS-E65F Datasheet HTML 4Page - OSRAM GmbH LS-E65F Datasheet HTML 5Page - OSRAM GmbH LS-E65F Datasheet HTML 6Page - OSRAM GmbH LS-E65F Datasheet HTML 7Page - OSRAM GmbH LS-E65F Datasheet HTML 8Page - OSRAM GmbH LS-E65F Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
LS E65F, LA E65F, LY E65F
2011-07-19
5
Kennwerte
Characteristics
(
T
A = 25 °C)
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
LS
LA
LY
Wellenlänge des emittierten Lichtes
(typ.)
Wavelength at peak emission
I
F = 50 mA
λ
peak
645
624
597
nm
Dominantwellenlänge
5) Seite 19
Dominant wavelength5) page 19
I
F = 50 mA
λ
dom
633
± 6
617*
–5/+7
590*
–7/+5
nm
Spektrale Bandbreite bei 50 % I
rel max
(typ.)
Spectral bandwidth at 50 % I
rel max
I
F = 50 mA
∆λ
16
18
18
nm
Abstrahlwinkel bei 50 % I
V (Vollwinkel)
(typ.)
Viewing angle at 50 % I
V
2
ϕ
60
60
60
Grad
deg.
Durchlassspannung
6) Seite 19
(min.)
Forward voltage6) page 19
(typ.)
I
F = 50 mA
(max.)
V
F
V
F
V
F
1.90*
2.15
2.50
1.90*
2.15
2.50
2.05*
2.15
2.65
V
V
V
Sperrstrom
(typ.)
Reverse current
(max.)
V
R = 12 V
I
R
I
R
0.2
10
0.2
10
0.2
10
µA
µA
Temperaturkoeffizient von
λ
peak
(typ.)
Temperature coefficient of
λ
peak
I
F = 50 mA; –10°C ≤ T ≤ 100°C
TC
λ
peak
0.15
0.14
0.12
nm/K
Temperaturkoeffizient von
λ
dom
(typ.)
Temperature coefficient of
λ
dom
I
F = 50 mA; –10°C ≤ T ≤ 100°C
TC
λ
dom
0.05
0.08
0.10
nm/K
Temperaturkoeffizient von
V
F
(typ.)
Temperature coefficient of
V
F
I
F = 50 mA; –10°C ≤ T ≤ 100°C
TC
V
-2.5
-2.5
-2.5
mV/K
Optischer Wirkungsgrad
(typ.)
Optical efficiency
I
F = 50 mA
η
opt
42
76
48
lm/W
* Einzelgruppen siehe Seite 5
Individual groups on page 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com