Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7721DF Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP7721DF
Description  10W Stereo Class D Single Ended Audio Amplifier EV Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7721DF Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP7721DF Datasheet HTML 1Page - Monolithic Power Systems MP7721DF Datasheet HTML 2Page - Monolithic Power Systems MP7721DF Datasheet HTML 3Page - Monolithic Power Systems MP7721DF Datasheet HTML 4Page - Monolithic Power Systems MP7721DF Datasheet HTML 5Page - Monolithic Power Systems MP7721DF Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EV7721DF-00A – 10W STEREO CLASS D SINGLE ENDED AUDIO AMPLIFIER EV BOARD
EV7721DF-00A Rev. 1.0
www.MonolithicPower.com
3
10/2/2012
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
EV7721DF-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer
Part Number
2
C1, C26
22pF
Ceramic Cap., 50V, C0G
0603
muRata
GRM1885C1H220JA01D
4
C2, C13,
C24, C25
NS
Not Stuffed
2
C3, C23
100μF
Electrolytic Cap., 35V
Radial
Rubycon
2
C4, C21
10μF
Electrolytic Cap., 50V
Radial
Rubycon
2
C5, C22
1μF
Ceramic Cap., 25V, X7R
1206
TDK
C3216X7R1H105K
1
C6
3.3nF
Ceramic Cap., 50V, X7R
0603
TDK
C1608X7R1H332K
2
C7, C16
1μF
Electrolytic Cap., 25V
Radial
Rubycon
2
C8, C17
0.47μF
Ceramic Cap., 25V, X7R
0805
muRata
GRM21BR71E474KA01L
2
C9, C14
2.2μF
Electrolytic Cap., 50V
Radial
Rubycon
2
C10, C18
0.47μF
FILM, 50V
Radial
Any
2
C11, C19
390pF
Ceramic Cap., 50V, C0G
0603
muRata
GRM1885C1H391JA01D
2
C12, C20
0.1μF
Ceramic Cap., 50V, X7R
1206
muRata
GMR21BR71H104KA01L
1
C15
2.7nF
Ceramic Cap., 50V, X7R
0603
TDK
C1608X7R1H272K
1
C27
2200μF
Electrolytic Cap., 35V
Radial
Rubycon
2
R10, R16
20kΩ
Film Res., 1%
0603
Yageo
RC0603FR-0720KL
2
R23, R24
17kΩ
Film Res., 1%
0603
Yageo
RC0603FR-0716K9L
1
R22
499kΩ
Film Res., 1%
0603
Yageo
RC0603FR-07499KL
2
R5, R15
10Ω
Film Res., 1%
0603
Yageo
RC0603FR-0710RL
6
R6, R7,
R9, R11,
R12, R19
10kΩ
Film Res., 1%
0603
RC0603FR-0710KL
5
R2, R3,
R13,
R18, R21
100kΩ
Film Res., 1%
0805
Yageo
9C08052A1003FKHFT
2
R1, R20
120kΩ
Film Res., 1%
0805
Yageo
9C08052A1203FKHFT
2
R4, R17
NS
Not Stuffed
2
R8, R14
10Ω
Film Res., 1%
1206
Yageo
9C12063A10R0FKHFT
4
D1, D4,
D7, D8
MBRS130T3 Diode Schottky, 30V, 1A
SMB
Diodes Inc
B130B
2
D3, D6
1N4148
Diode Switch, 75V,
200mW
SOD-323
Diodes Inc
1N4148WS-7-f
2
D2, D5
6.2V
Diode Zener, 500mW
SOD-123
Diodes Inc
BZT52C6V2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com